Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 10 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 10 Page - Applied Motion Products, Inc.

Back Button STM Datasheet HTML 6Page - Applied Motion Products, Inc. STM Datasheet HTML 7Page - Applied Motion Products, Inc. STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. STM Datasheet HTML 10Page - Applied Motion Products, Inc. STM Datasheet HTML 11Page - Applied Motion Products, Inc. STM Datasheet HTML 12Page - Applied Motion Products, Inc. STM Datasheet HTML 13Page - Applied Motion Products, Inc. STM Datasheet HTML 14Page - Applied Motion Products, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
STM24 Technical Specifications
POWER AMPLIFIER:
AMPLIFIER TYPE
Dual H-bridge, 4 quadrant
CURRENT CONTROL
4 state PWM at 20 kHz
OUTPUT TORQUE
Up to 340 oz-in with suitable power supply
POWER SUPPLY
External 12 - 70 VDC power supply required
Under-voltage alarm: 11 VDC
Over-voltage shutdown: 74 VDC
PROTECTION
Over-voltage, under-voltage, over-temp, motor/wiring shorts (phase-to-phase, phase-to-ground)
IDLE CURRENT REDUCTION
Reduction range of 0 - 90% of running current after delay selectable in milliseconds
CONTROLLER:
MICROSTEP RESOLUTION
Software selectable from 200 to 51200 steps/rev in increments of 2 steps/rev
MICROSTEP EMULATION
Performs high resolution stepping by synthesizing fine microsteps from coarse steps (step & direction mode only)
COMMAND SIGNAL SMOOTHING Software configurable filtering reduces jerk and excitation of extraneous system resonances (step & direction mode
only)
ANTI-RESONANCE
(Electronic Damping)
Raises the system damping ratio to eliminate midrange instability and allow stable operation throughout the speed
range and improves settling time
AUTO SETUP
Measures motor parameters and configures motor current control and anti-resonance gain settings
SELF TEST
Checks internal & external power supply voltages, diagnoses open motor phases
NON-VOLATILE STORAGE
Configurations are saved in flash memory on-board the DSP
MODES OF OPERATION
STM24SF:
Step & direction, CW/CCW pulse, A/B quadrature pulse, velocity (oscillator, joystick), streaming com-
mands (SCL)
STM24QF:
All STM24S modes of operation plus stored Q program execution
STM24C:
CANopen slave node plus stored Q program execution
DIGITAL FLEX I/O
SF and QF models
Adjustable bandwidth digital noise rejection filter on all I/O points configured as inputs
When configured as Inputs:
Optically isolated, 5-24 VDC, 8-12 mA. Minimum pulse width = 250 ns. Maximum pulse frequency = 3 MHz. Func-
tions: see STM24 hardware manual.
When configured as Outputs:
Optically isolated, open emitter/collector, 30V/80mA max, 10 kHz max. Functions: see STM24 hardware manual.
DIGITAL I/O
C models
Adjustable bandwidth digital noise rejection filter on all inputs
IN1 - IN3:
Optically isolated inputs, 5-24 VDC, 8-12 mA. Minimum pulse width = 250 ns. Maximum pulse frequency =
3 MHz. Functions: see STM24 hardware manual.
OUT:
Optically isolated output, open emitter/collector, 30V/80mA max. Function: see STM24 hardware manual.
ANALOG INPUT
AIN referenced to GND. Range = 0 to 5 VDC. Resolution = 12 bits. (Not present on STM24C).
COMMUNICATION INTERFACE
STM24x-3Ax:
RS-232
STM24x-3Rx:
RS-485
STM24C-3Cx:
CANopen, RS-232
APPROVALS:
AGENCY APPROVALS
RoHS
CE EN61800-3:2004
PHYSICAL:
OPERATING TEMPERATURE
0 to 85°C (32 to 185°F) Internal temperature of the electronics section and encoder
0 to 100°C (32 to 212°F) Temperature of motor body
AMBIENT TEMPERATURE
0 to 40°C (32 to 104°F) When mounted to a suitable heatsink
HUMDITY
90% max, non-condensing
MASS
56 oz (1580 g)
ROTOR INERTIA
1.27 x 10-2 oz-in-sec2 (900 g-cm2)
7
10
STM23 Technical Specifications
POWER AMPLIFIER:
AMPLIFIER TYPE
Dual H-bridge, 4 quadrant
CURRENT CONTROL
4 state PWM at 20 kHz
OUTPUT TORQUE
STM23-2:
Up to 125 oz-in with suitable power supply
STM23-3:
Up to 210 oz-in with suitable power supply
POWER SUPPLY
External 12 - 70 VDC power supply required. Under-voltage alarm: 11 VDC. Over-voltage shutdown: 74 VDC
PROTECTION
Over-voltage, under-voltage, over-temp, motor/wiring shorts (phase-to-phase, phase-to-ground)
IDLE CURRENT REDUCTION
STM23S/Q/C/IP:
Reduction range of 0 - 90% of running current after delay selectable in milliseconds.
STM23R:
Switch selectable 50% or 90% of running current.
CONTROLLER:
MICROSTEP RESOLUTION
STM23S/Q/C/IP:
Software selectable from 200 to 51200 steps/rev in increments of 2 steps/rev.
STM23R:
Dip-switch selectable 200, 400, 800, 1000, 1600, 2000, 3200, 4000, 5000, 6400, 8000, 10000,
12800, 20000, 25000 or 25600 steps/rev.
MICROSTEP EMULATION
Performs high resolution stepping by synthesizing fine microsteps from coarse steps (step & direction mode only)
COMMAND SIGNAL SMOOTHING Software configurable filtering reduces jerk and excitation of extraneous system resonances (step & direction mode)
ANTI-RESONANCE
(Electronic Damping)
Raises the system damping ratio to eliminate midrange instability and allow stable operation throughout the speed
range and improves settling time
AUTO SETUP
Measures motor parameters and configures motor current control and anti-resonance gain settings
SELF TEST
Checks internal & external power supply voltages, diagnoses open motor phases
NON-VOLATILE STORAGE
Configurations are saved in flash memory on-board the DSP
MODES OF OPERATION
STM23R:
Step & direction or CW/CCW pulse (switch selectable)
STM23S:
Step & direction, CW/CCW pulse, A/B quadrature pulse, velocity (oscillator, joystick), streaming commands
(SCL), SiNet Hub compatible
STM23Q:
All STM23S modes of operation plus stored Q program execution
STM23C:
CANopen slave node plus stored Q program execution
STM23IP:
All STM23Q modes of operation plus EtherNet/IP industrial network communications
DIGITAL INPUTS
Adjustable bandwidth digital noise rejection filter on all inputs
STEP+/-
(IN1+/-): Optically isolated, 5-24 volt. Minimum pulse width = 250 ns. Maximum pulse frequency = 3 MHz.
Function: STM23R: Step, CW pulse; All others: Step, CW pulse, A quadrature (encoder following), CW limit, CW jog,
start/stop (oscillator mode), or general purpose input.
DIR+/-
(IN2+/-): Optically isolated, 5-24 volt. Minimum pulse width = 250 ns. Maximum pulse frequency = 3 MHz.
Function: STM23R: Direction, CCW pulse; All others: Direction, CCW pulse, B quadrature (encoder following), CCW
limit, CCW jog, direction (oscillator mode), or general purpose input.
EN+/-
(IN3+/-): Optically isolated, 5-24 volt. Minimum pulse width = 250 ns. Maximum pulse frequeny = 3 MHz.
Function: STM23R: Enable; All others: Enable, alarm/fault reset, speed 1/speed 2 (oscillator mode).
DIGITAL OUTPUT
OUT+/-:
Optically isolated, 30V/40 mA max.
Function: STM23R: Fault; All others: Fault, motion, tach or general purpose programmable.
ANALOG INPUT
STM23S/Q/IP:
AIN referenced to GND. Range = 0 to 5 VDC. Resolution = 12 bits.
STM23R/C:
No analog input
COMMUNICATION INTERFACE
STM23x-xAx:
RS-232, STM23x-xEx: Ethernet, STM23x-xRx: RS-485, STM23C-3Cx: CANopen, RS-232,
STM23IP-xEx:
Ethernet, EtherNet/IP, STM23R-xNx: No communication port
APPROVALS:
AGENCY APPROVALS
RoHS, CE EN61800-3:2004
PHYSICAL:
OPERATING TEMPERATURE
0 to 85°C (32 to 185°F) Internal temperature of the electronics section and encoder
0 to 100°C (32 to 212°F) Temperature of motor body
AMBIENT TEMPERATURE
0 to 40°C (32 to 104°F) When mounted to a suitable heatsink
HUMDITY
90% max, non-condensing
MASS
STM23-2:
30 oz (850 g), STM23-3: 42 oz (1191 g)
ROTOR INERTIA
STM23-2:
3.68 x 10-3 oz-in-sec2 (260 g-cm2), STM23-3: 6.52 x 10-3 oz-in-sec2 (460 g-cm2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com