Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 13 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 13 Page - Applied Motion Products, Inc.

Back Button STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. STM Datasheet HTML 10Page - Applied Motion Products, Inc. STM Datasheet HTML 11Page - Applied Motion Products, Inc. STM Datasheet HTML 12Page - Applied Motion Products, Inc. STM Datasheet HTML 13Page - Applied Motion Products, Inc. STM Datasheet HTML 14Page - Applied Motion Products, Inc. STM Datasheet HTML 15Page - Applied Motion Products, Inc. STM Datasheet HTML 16Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
4
STM17 Technical Specifications
POWER AMPLIFIER:
AMPLIFIER TYPE
Dual H-bridge, 4 quadrant
CURRENT CONTROL
4 state PWM at 16 kHz
OUTPUT TORQUE
Up to 68 oz-in with suitable power supply
POWER SUPPLY
External 12 - 48 VDC power supply required
Under-voltage alarm: 11 VDC
Over-voltage shutdown: 52 VDC
PROTECTION
Over-voltage, under-voltage, over-temp, motor/wiring shorts (phase-to-phase, phase-to-ground)
IDLE CURRENT REDUCTION
STM17S/Q/C:
Reduction range of 0 - 90% of running current after delay selectable in milliseconds.
STM17R:
Switch selectable 50% or 90% of running current.
CONTROLLER:
MICROSTEP RESOLUTION
STM17S/Q/C:
Software selectable from 200 to 51200 steps/rev in increments of 2 steps/rev.
STM17R:
Dip-switch selectable 200, 400, 800, 1000, 1600, 2000, 3200, 4000, 5000, 6400, 8000, 10000,
12800, 20000, 25000 or 25600 steps/rev.
MICROSTEP EMULATION
Performs high resolution stepping by synthesizing fine microsteps from coarse steps (step & direction mode only)
COMMAND SIGNAL SMOOTHING Software configurable filtering reduces jerk and excitation of extraneous system resonances (step & direction mode)
ANTI-RESONANCE
(Electronic Damping)
Raises the system damping ratio to eliminate midrange instability and allow stable operation throughout the speed
range and improves settling time
AUTO SETUP
Measures motor parameters and configures motor current control and anti-resonance gain settings
SELF TEST
Checks internal & external power supply voltages, diagnoses open motor phases
NON-VOLATILE STORAGE
Configurations are saved in flash memory on-board the DSP
MODES OF OPERATION
STM17R:
Step & direction or CW/CCW pulse (switch selectable)
STM17S:
Step & direction, CW/CCW pulse, A/B quadrature pulse, velocity (oscillator, joystick), streaming commands
(SCL)
STM17Q:
All STM17S modes of operation plus stored Q program execution
STM17C:
CANopen slave node plus stored Q program execution
DIGITAL INPUTS
Adjustable bandwidth digital noise rejection filter on all inputs
STEP+/- (IN1+/-):
Optically isolated, 5-24 volt. Minimum pulse width = 250 ns. Maximum pulse frequency = 3 MHz.
Function: STM17R: Step, CW pulse; All others: Step, CW pulse, A quadrature (encoder following), CW limit, CW jog,
start/stop (oscillator mode), or general purpose input.
DIR+/- (IN2+/-):
Optically isolated, 5-24 volt. Minimum pulse width = 250 ns. Maximum pulse frequency = 3 MHz.
Function: STM17R: Direction, CCW pulse; All others: Direction, CCW pulse, B quadrature (encoder following), CCW
limit, CCW jog, direction (oscillator mode), or general purpose input.
EN+/- (IN3+/-):
Optically isolated, 5-24 volt. Minimum pulse width = 250 ns. Maximum pulse frequency = 3 MHz.
Function: STM17R: Enable; All others: Enable, alarm/fault reset, speed 1/speed 2 (oscillator mode).
DIGITAL OUTPUT
OUT+/-:
Optically isolated, 30V/40mA max. Function: STM17R: Fault; All others: Fault, motion, tach, or general
purpose programmable.
ANALOG INPUT
STM17S/Q/C:
AIN referenced to GND. Range = 0 to 5 VDC. Resolution = 12 bits.
STM17R:
No analog input
COMMUNICATION INTERFACE
STM17x-3Ax:
RS-232
STM17x-3Rx:
RS-485
STM17C-3Cx:
CANopen and RS-232
STM17R-3Nx:
No communication port
APPROVALS:
AGENCY APPROVALS
RoHS, CE EN61800-3:2004
PHYSICAL:
OPERATING TEMPERATURE
0 to 85°C (32 to 185°F) Internal temperature of the electronics section and encoder
0 to 100°C (32 to 212°F) Temperature of motor body
AMBIENT TEMPERATURE
0 to 40°C (32 to 104°F) When mounted to a suitable heatsink
HUMDITY
90% max, non-condensing
MASS
STM17R:
14.7 oz (416 g); STM17S/Q/C: 15.6 oz (441 g)
ROTOR INERTIA
1.16 x 10-3 oz-in-sec2 (82 g-cm2)
Encoder Option, STM-S/Q/C/IP
The STM integrated steppers are offered with an optional 1000-line incremental encoder. On
STM-S/Q/C/IP models this encoder is integrated into the
housing of the motor, without increasing
the overal size of the unit. The addition of this encoder
provides the following enhanced functionality:
Stall Detection
notifies the system as soon as the required
torque is too great for the motor, resulting in a loss of synchro-
nization between the rotor and stator, also known as stalling.
As soon as the motor stalls the drive triggers its
fault output. See diagram 1.
Stall Prevention
automatically adjusts the excita-
tion of the motor windings to maintain synchronization of the
rotor and stator under all conditions. This means that motor
position is maintained and corrected even when the required
torque is too great for the motor. The stall prevention feature
also performs postion maintenance, which maintains the position
of the motor shaft when at rest. See figure 2.
2
3
1
1 Programmed Motion Prole
2 Point at which load increases
3 Actual Motion Prole
Time
2
3
1
1 Load Increases
2 Motor is no longer able to produce required torque
3 Motor stalls and fault signal sent
Time
Figure 2: Diagram showing the Stall Prevention process
Figure 1: Diagram showing the Stall Detection process
Encoder Option, STM-R
STM-R models can be ordered with an optional 1000-line
incremental encoder mounted to the rear shaft of the
unit. This encoder can be connected to the external
controller for position verification and enhanced
performance, depending on the features of the
controller.
Diagram showing the position of
the encoder inside the STM17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com