Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM Datasheet(PDF) 15 Page - Applied Motion Products, Inc.

Part # STM
Description  Integrated Steppers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

STM Datasheet(HTML) 15 Page - Applied Motion Products, Inc.

Back Button STM Datasheet HTML 8Page - Applied Motion Products, Inc. STM Datasheet HTML 9Page - Applied Motion Products, Inc. STM Datasheet HTML 10Page - Applied Motion Products, Inc. STM Datasheet HTML 11Page - Applied Motion Products, Inc. STM Datasheet HTML 12Page - Applied Motion Products, Inc. STM Datasheet HTML 13Page - Applied Motion Products, Inc. STM Datasheet HTML 14Page - Applied Motion Products, Inc. STM Datasheet HTML 15Page - Applied Motion Products, Inc. STM Datasheet HTML 16Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
2
STM17 Dimensions
19.05
2X M3
15
2
24
38.6
67±1
13*
42.3 MAX
31
31
43.5
4-M3Depth 4.5
42.3 MAX
31
31
43.5
4-M3Depth 4.5
81±1
55.8
42.4
2
24
Ø 22
4.50 Flat
15
Ø 5
60.8
STM17R
STM17S/Q/C
Power Supplies
Applied Motion offers three matched power supplies for use with the
STM drives.
PS150A24 ... 24 VDC, 150 Watt for use with all STM drives.
PS320A48 ... 48 VDC, 320 Watt for use with all STM drives.
PS50A24 ... 24 VDC, 50 Watt for use with STM17 drives.
These power supplies have current overload capability making them
ideal for use with stepper drives.
USB to RS-232/485 Adapter
For users without a serial port and/or wishing to take advantage
of the benefits of an RS-485 network, Applied Motion offers an
adapter (part number 8500-003) that will plug into a USB port and
communicate to RS-232 and RS-485 networks.
RC-050 Regeneration Clamp
The RC-050 regeneration clamp is for use where regeneration from
the motor may be excessive for the power supply. In these cases
the RC-050 is connected between the drive and power supply and
absorbs regenerated energy.
Integrated Stepper
STM17
• NEMA 17 frame size
• Torque: up to 68 oz-in
• Input voltage: 12-48 VDC
Dimensions in mm, not to scale
*rear shaft is only present on –ND and –NE versions
3004-189 Serial Programming Cable
The 3004-189 serial programming cable is included with all STM23
and STM24 products (all but R models) with the “A” communication
option, and is used for setup and programming. This cable can
also be used in streaming serial command (SCL) applications as a
permanent connection between the drive and the host device’s RS-
232 port.
3004-259 Serial Programming Cable
The 3004-259 serial programming cable is included with all STM17
products (all but R models) with the “A” communication option, and
is used for setup and programming. This cable can also be used
in streaming serial command (SCL) applications as a permanent
connection between the drive and the host device’s RS-232 port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com