Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 13 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 10Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 11Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 12Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 13Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 14Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 15Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 16Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
6.7 Typical Characteristics
PVIN = VIN, REFCAP = 470nF, L=3.3μH (model: MPX1D1250L3R3), unless otherwise noted.
IOUTx (A)
0
0.5
1
1.5
2
2.5
3
0
20%
40%
60%
80%
100%
CH1 = -55C
CH2 = -55C
CH3 = -55C
CH4 = -55C
CH1 = 25C
CH2 = 25C
CH3 = 25C
CH4 = 25C
CH1 = 125C
CH2 = 125C
CH3 = 125C
CH4 = 125C
Figure 6-1. Efficiency vs Load at VIN = 3.3V,VOUTx = 0.8V, fSW =
100kHz
IOUTx (A)
0
0.5
1
1.5
2
2.5
3
0
20%
40%
60%
80%
100%
CH1 = -55C
CH2 = -55C
CH3 = -55C
CH4 = -55C
CH1 = 25C
CH2 = 25C
CH3 = 25C
CH4 = 25C
CH1 = 125C
CH2 = 125C
CH3 = 125C
CH4 = 125C
Figure 6-2. Efficiency vs Load at VIN = 3.3V,VOUTx = 1.2V, fSW =
100kHz
IOUTx (A)
0
0.5
1
1.5
2
2.5
3
0
20%
40%
60%
80%
100%
CH1 = -55C
CH2 = -55C
CH3 = -55C
CH4 = -55C
CH1 = 25C
CH2 = 25C
CH3 = 25C
CH4 = 25C
CH1 = 125C
CH2 = 125C
CH3 = 125C
CH4 = 125C
Figure 6-3. Efficiency vs Load at VIN = 3.3V,VOUTx = 1.5V, fSW =
100kHz
IOUTx (A)
0
0.5
1
1.5
2
2.5
3
0
20%
40%
60%
80%
100%
CH1 = -55C
CH2 = -55C
CH3 = -55C
CH4 = -55C
CH1 = 25C
CH2 = 25C
CH3 = 25C
CH4 = 25C
CH1 = 125C
CH2 = 125C
CH3 = 125C
CH4 = 125C
Figure 6-4. Efficiency vs Load at VIN = 3.3V,VOUTx = 1.8V, fSW =
100kHz
IOUTx (A)
0
0.5
1
1.5
2
2.5
3
0
20%
40%
60%
80%
100%
CH1 = -55C
CH2 = -55C
CH3 = -55C
CH4 = -55C
CH1 = 25C
CH2 = 25C
CH3 = 25C
CH4 = 25C
CH1 = 125C
CH2 = 125C
CH3 = 125C
CH4 = 125C
Figure 6-5. Efficiency vs Load at VIN = 3.3V,VOUTx = 2.5V, fSW =
100kHz
Figure 6-6. Efficiency vs Load at VIN = 3.3V, Across VOUT at fSW
= 100kHz for Channel # 1 at 25
℃
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com