Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 49 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 49 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 45Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 46Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 47Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 48Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 49Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 50Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 51Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 52Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Regula on
IOC_HSx
IOC_HSx Overcurrent Limit
Regula on
1/fSW
Short
Applied
Short
Removed
Figure 8-13. High-Side Cycle by Cycle Overcurrent Protection (IOC_HSx)
8.3.8.1.2 Low-Side Sourcing Overcurrent Protection (IOC_LS_SOURCINGx)
Sometimes, the IOC_HSx current limit is not sufficient to protect the device. For example, a short circuit can be so
aggressive that even if the high side is only on for the minimum on time (tONx_MIN) the current can continue to
rise. To mitigate this risk, the TPS7H410x implements a secondary overcurrent protection in the form of low-side
sourcing current limit (IOC_LS_SOURCINGx). The IOC_LS_SOURCINGx current limit is reached when the current through
the low side MOSFET meets or exceeds IOC_LS_SOURCINGx. To prevent sustained current increase, the high-side
is prevented from turn-on until the current trough the low-side FET falls below the IOC_LS_SOURCINGx threshold.
The simplified waveforms of this operation are shown in Figure 8-14.
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com