Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 38 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 38 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 34Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 35Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 36Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 37Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 38Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 39Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 40Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 41Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
EN_SEQ
0-V
12.4%
89%
89%
0-V
0-V
VOUT1
VOUT2
89%
89%
0-V
0-V
VOUT3
VOUT4
12.4%
12.4%
12.4%
VEN_SEQ_RISING
VEN_SEQ_FALLING
Figure 8-3. Sequence UP/DOWN
A.
In this plot is assumed all ENx are logic high (VENx > VENx_RISING(MAX)) before sending the EN_SEQ logic command.
Table 8-3. EN_SEQ truth table
Case #
EN_SEQ
(1)
EN1
(2)
EN2
(2)
EN3
(2)
EN4
(2)
Sequence up order
Sequence down order
1
OPEN
(3)
Local
Local
Local
Local
None
None
2
↑↓
(4) (5)
0
0
1
1
3→4
4→3
3
↑↓
(4) (5)
0
1
0
1
2→4
4→2
4
↑↓
(4) (5)
0
1
1
0
2→3
3→2
5
↑↓
(4) (5)
0
1
1
1
2→3→4
4→3→2
6
↑↓
(4) (5)
1
0
0
1
1→4
4→1
7
↑↓
(4) (5)
1
0
1
0
1→3
3→1
8
↑↓
(4) (5)
1
0
1
1
1→3→4
4→3→1
9
↑↓
(4) (5)
1
1
0
0
1→2
2→1
10
↑↓
(4) (5)
1
1
0
1
1→2→4
4→2→1
11
↑↓
(4) (5)
1
1
1
0
1→2→3
3→2→1
12
↑↓
(4) (5)
1
1
1
1
1→2→3→4
4→3→2→1
(1)
0 = VEN_SEQ < VEN_SEQ_FALLING(MIN); 1 = VEN_SEQ > VEN_SEQ_RISING(MAX)
(2)
0 = VENx < VENx_FALLING(MIN); 1 = VENx > VENx_RISING(MAX)
(3)
When EN_SEQ is high impedance, all channels turn on/off accordingly to the local ENx logical input voltage.
(4)
Is recommended to have stable logic value in ENx before sending the logical sequence command in the EN_SEQ pin, for proper
operation.
(5)
The rise and fall time for VSEQ_EN are specified as ≥ 100ns.
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com