Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 32 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 32 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 28Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 29Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 30Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 31Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 32Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 33Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 34Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 35Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
• VOUTx_TARGET is the desired nominal output voltage.
• RF_TOPx is the selected top resistor for the resistive voltage divider.
DCRx
COUTx
Lx
ESRx
ROUTx
+
-
VOUTx
RF_TOPx
RF_BOTx
COMPx
CSS_TRx
GND
SWx
PGND
Error
Amp
+
-
+
VREFx
gmEA
ISS_TRx
GND
SS_TRx
VSNSx
Internal Logic &
Power Stage
Figure 8-1. VOUTx programming with Resistive Divider
8.3.3.1 VOUTx with Error
Once the user calculates the bottom feedback resistor and the real components values for the top and bottom
feedback resistors are known, we can calculate the expected nominal output voltage using Equation 3. As the
reference and the resistors values have deviations from the nominal values (or uncertainties), the designer
can calculate the expected output voltage error using Equation 4. Equation 4 was derived using the derivative
method, and assumes the error variables are uncorrelated and both resistors (RF_TOPx and RF_BOTx) have the
same tolerance. The real output voltage range can be calculated using Equation 5.
VOUTx_NOMINAL= 1+RF_TOPx
RF_BOTx × VREFx
(3)
VOUTx_ERROR  V  =± VREFx2× 2×RTOL2×RF_TOPx2 + VREFx_ACC2× RF_TOPx+RF_BOTx2
RF_BOTx2
(4)
VOUTx_REAL=VOUTx_NOMINAL±VOUTx_ERROR
(5)
where:
• RF_TOPx is the selected top resistor for the resistive voltage divider in Ohms (Ω).
• RF_BOTx is the selected bottom resistor for the resistive voltage divider in Ohms (Ω).
• VREFx = 599.48mV (typ. at 25°C) or 598.39mV (center across temperature).
• VREFx_ACC is the reference accuracy as a numeric value (0.01). The accuracy across voltage and temperature
is ± 1%, for more details refer to VOLTAGE REFERENCE in Section 6.5.
• RTOL is the resistor tolerance (same for the top and bottom resistors) as a numeric value. For example, for a
0.1% tolerance resistors, we use 0.001.
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com