Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 1 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 1 Page - Texas Instruments

  PTPS7H4102PAPTSEP Datasheet HTML 1Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 2Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 3Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 4Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per
Channel, Multichannel, Synchronous Buck Converter
1 Features
• Total ionizing dose (TID) characterized
– Radiation hardness assurance (RHA)
availability up to 100krad(Si)
• Single-event effects (SEE) characterized
– Single-event latchup (SEL), single-event
burnout (SEB), and single-event gate rupture
(SEGR) immune up to linear energy transfer
(LET) = 75MeV-cm2/mg
– Single-event functional interrupt (SEFI) and
single-event transient (SET) characterized up to
LET = 75MeV-cm2/mg
• Input voltage range from 3V to 7V
• Up to 3A of maximum output current per channel
or more when channels are paralleled
• Typical efficiency of 91.1% (typ.) at VIN = 5V, VOUT
= 1.8V, IOUT = 1A at fSW = 500kHz
• Integrated 62mΩ (HS) and 55mΩ (LS) MOSFETs
(typ. at VIN = 5V)
• Flexible switching frequency:
– 100kHz to 1MHz, internal oscillator
– External synchronization capability
• Accurate voltage reference of 599.48mV ± 1%
over line, temperature, and TID
• Monotonic start-up into pre-biased outputs
• Per channel (CHx)
– Adjustable slope compensation (RSCx)
– Adjustable soft-start (SS_TRx)
– Power-good output monitor for undervoltage
and overvoltage (PWRGDx)
– Input enable (ENx)
• Sequence up and reverse sequence down when
using EN_SEQ (only valid for TPS7H4104)
• Plastic packages outgas tested per ASTM E595
• Available in military (–55°C to 125°C) temp range
2 Applications
• Space satellite point of load supply
• Satellite electrical power systems (EPS)
• Radiation hardened power supplies
3 Description
The TPS7H4104 and TPS7H4102 are 7V, 3A
per
channel,
multichannel,
peak-current
mode,
synchronous buck converters optimized for use
in area sensitive, space environment applications.
The device incorporates four (TPS7H4104) or two
(TPS7H4102) identical channels that can be use to
step down the power input voltage into independent
voltages up to 3A per phase or interleaved to
increment the output current up to 12A (TPS7H4104)
or 6A (TPS7H4102).
Each channel incorporate the high and low side
power MOSFETs with programmable soft-start and
slope compensation. Additionally, per channel power-
good flags and enable signals are provided. The
TPS7H4104 also incorporates an input (EN_SEQ) to
create a sequential power up and reverse sequence
down.
Various current limit mechanisms are included
for robust current limiting during fault conditions.
Thermal shutdown disables the device when the die
temperature exceeds thermal limit.
Device Information
PART NUMBER(1)
GRADE(2)
PACKAGE(4)
5962R2320801PYE(5)
QMLP-RHA
64-pin plastic
10.00mm × 10.00mm
Mass = 283mg(3)
TPS7H4104MPAPTSEP
SEPSEP
TPS7H4102MPAPTSEP
(1)
For more information, see Section 12.
(2)
For additional information about part grade, view SLYB235.
(3)
Mass is a nominal value.
(4)
The body size (length × width) is a nominal value and does
not include pins.
(5)
Product preview.
COUTx
Lx
RF_TOPx
RF_BOTx
SWx
VSNSx
PWRGDx
RPWRGDx
VOUTx
SS_TRx
CSS_TRx
RSCx
RSCx
GND
PGND
THERMAL PAD
PVIN
VIN
VIN
CIN
ENx
EN_SEQ
SYNC
COMPx
RSx
CSx
CPx
GND
RT
REFCAP
CREFCAP
RT
Note: EN_SEQ is only available for TPS7H4104
Simplified Schematic
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PTPS7H4102PAPTSEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTPS7H4104PAPTSEP TI1-PTPS7H4104PAPTSEP Datasheet
3Mb / 65P
TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
MARCH 2025
PTPS7H4104PAPTSEP.A TI2-PTPS7H4104PAPTSEP.A Datasheet
4Mb / 86P
TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
REVISED NOVEMBER 2025
More results

Similar Description - PTPS7H4102PAPTSEP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Texas Instruments
TPS50601A-SP TI1-TPS50601A-SP Datasheet
85Kb / 4P
Radiation Hardened 3-V to 6.3-V Input, 6-A Synchronous Buck Converter
TPS50601A-SP TI-TPS50601A-SP_V01 Datasheet
1Mb / 36P
TPS50601A-SP Radiation Hardened 3-V to 7-V Input, 6-A Synchronous Buck Converter
OCTOBER 2019
logo
Renesas Technology Corp
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 36P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Dec 12, 2019
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
logo
Texas Instruments
TPS7H3302-SP TI-TPS7H3302-SP Datasheet
1Mb / 37P
TPS7H3302-SP and TPS7H3302-SEP 3-A DDR Radiation Hardened Termination Regulator
REVISED MAY 2023
TPS7H2201-SP TI1-TPS7H2201-SP_V02 Datasheet
2Mb / 49P
TPS7H2201-SP and TPS7H2201-SEP Radiation Hardened 1.5-V to 7-V, 6-A eFuse
REVISED JUNE 2023
logo
List of Unclassifed Man...
LC3406 ETC-LC3406 Datasheet
545Kb / 7P
1.2A 1.5MHz 7V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com