Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 39 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 39 Page - Texas Instruments

Back Button PTPS7H4102PAPTSEP Datasheet HTML 35Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 36Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 37Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 38Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 39Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 40Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 41Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 42Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
8.3.5 Power Good (PWRGDx)
The PWRGDx pin is an open-drain output that is asserted when the output voltage (VOUTx) reaches an
appropriate range. This is achieved by comparing the voltage at the VSNSx pin with the internal reference
voltage (VREFx). The PWRGDx pins are externally pulled-up through a resistor to a voltage source with the
desired logic level (typically VOUTx). The maximum voltage the PWRGDx pins can be pulled-up is 7V. Select
the pull-up resistor value to keep the maximum current sink by PWRGDx to under the recommended operating
condition current maximum of 2mA. Generally a pull up resistor of 10kΩ is sufficient. Using a larger value resistor
minimizes power dissipation but can allow switching noise to couple into the PWRGDx signal due a "weaker"
pull-up.
The PWRGDx signals logical states are:
1. Asserted (high impedance or logic high): when the VOUTx voltage in percent of final (nominal) value is:
• Between 92% to 96% during a rising voltage (from an under-voltage or power-up condition).
• Between 104% to 108% during a falling voltage (from an over-voltage condition).
2. Deasserted (low impedance or logic low) when the VOUTx voltage in percent of final (nominal) value is:
• Between 89% to 92% during a falling voltage (or an under-voltage condition).
• Between 107% to 111% during a rising voltage (or over-voltage condition).
The responses of PWRGDx to the UV_GOOD and UV_FAULT are shown in Figure 8-4, while the OV_FAULT
and OV_GOOD is presented on Figure 8-5. The PWRGDx is in a defined state when the VIN input voltage is
greater than 1V but has reduced current sinking capability (See Figure 8-6). The PWRGD achieves full current
sinking capability by the time VIN reaches 3V. For more details on the VINMIN_PWRGDx refer to POWER GOOD
section in Section 6.5.
In addition to the description of PWRGDx above, PWRGDx is deasserted (forced low) during other conditions
that cause regulation to stop such as:
• VIN UVLO.
• PVIN UVLO
• The device is in thermal shutdown.
• The device ENx pin is logic low (or disabled).
• The COMPx pin reaches the COMPxCLAMP threshold voltage (1.9V typical).
– COMPxCLAMP force a re-start of VOUTx
VREFx
VOUTx_NOMINAL
0 V
0 V
PWRGDxUV_GOOD × VREFx
0 V
PWRGDxUV_FAULT× VREFx
VPWRGDx_PULL_UP
me
me
me
VPWRGDx_VOL
A.
In this plot is assumed that VIN is in a valid range between 3V to 7V, and a valid rising edge (↑) voltage is provided in the ENx.
Figure 8-4. PWRGDx Undervoltage (UV) Tresholds
www.ti.com
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com