Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTPS7H4102PAPTSEP Datasheet(PDF) 2 Page - Texas Instruments

Part # PTPS7H4102PAPTSEP
Description  TPS7H410x-SP and TPS7H410x-SEP Radiation-Hardened, 3V to 7V Input, 3A per Channel, Multichannel, Synchronous Buck Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PTPS7H4102PAPTSEP Datasheet(HTML) 2 Page - Texas Instruments

  PTPS7H4102PAPTSEP Datasheet HTML 1Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 2Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 3Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 4Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 5Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 6Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 7Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 8Page - Texas Instruments PTPS7H4102PAPTSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Options................................................................ 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 7
6.1 Absolute Maximum Ratings........................................ 7
6.2 ESD Ratings............................................................... 7
6.3 Recommended Operating Conditions.........................8
6.4 Thermal Information....................................................8
6.5 Electrical Characteristics.............................................9
6.6 Quality Conformance Inspection...............................12
6.7 Typical Characteristics.............................................. 13
7 Parameter Measurement Information.......................... 27
8 Detailed Description......................................................29
8.1 Overview................................................................... 29
8.2 Functional Block Diagram......................................... 30
8.3 Feature Description...................................................31
8.4 Device Functional Modes..........................................53
9 Application and Implementation.................................. 54
9.1 Application Information............................................. 54
9.2 Typical Application.................................................... 54
9.3 Power Supply Recommendations.............................65
10 Device and Documentation Support..........................70
10.1 Documentation Support.......................................... 70
10.2 Receiving Notification of Documentation Updates..70
10.3 Support Resources................................................. 70
10.4 Trademarks.............................................................70
10.5 Electrostatic Discharge Caution..............................70
10.6 Glossary..................................................................70
11 Revision History.......................................................... 70
12 Mechanical, Packaging, and Orderable
Information.................................................................... 70
TPS7H4104-SEP, TPS7H4102-SEP
SLVSH61B – MARCH 2025 – REVISED SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS7H4104-SEP TPS7H4102-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com