Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 14 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 14 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 10Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 11Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 12Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 13Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 14Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
14 of 62
2
Basic Functional Description
2.1. Functional Block Diagram
neg
Transmitter
Main
State
Machine
Electronic
Inductor
Power
Supply
pos
Receiver
MAN
UART
LTGP
LTGN
CDC
U5R
P3 ... P0
D3 ... D0
Output
LED2, LED1
I / O
DSTBn
Output
PSTBn
Input
PFAULT
DSTB
LED
PSTB
PFAULT
EEPROM
OSC1
OSC2
clk
OSCILLATOR
PLL
Offset
I / O
Offset
I / O
Param
Data
UOUT
Thermal
Protection
APF
Power
Fail Detector
Figure 3: Functional Block Diagram
Following device functions are associated with the different blocks of the IC:
RECEIVER
The receive block converts the analog telegram waveform from the AS-i bus to a digital
pulse coded signal that can be processed further by a digital UART circuit.
The RECEIVE block is directly connected to the AS-i line pins LTGP and LTGN. It
converts the differential AS-i telegram to a single ended signal and removes the DC offset
by high pass filtering. To adapt quickly on changing signal amplitudes in telegrams from
different network users, the amplitude of the first telegram pulse is measured by a 3 bit
flash ADC and the threshold of a positive and a negative comparator is set accordingly to
about 50% of the measured level. The comparators generate the P-Pulse and N-Pulse
signals.
TRANSMITTER
The transmit block transforms a digital response signal to a correctly shaped send current
signal which is applied to the AS-i bus. Due to the inductive network behavior of the
network the changing send current induces voltage pulses on the network line that overlay
the DC operating voltage. The voltage pulses shall have sin²-wave shapes. Hence, the
send current shape must follow the integral of the sin²-wave function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com