Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 42 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 42 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 40Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 41Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 42Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 43Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 44Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 45Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 46Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
42 of 62
4.12. Oscillator Pins OSC1, OSC2
Table 28: Oscillator pin parameters
Symbol
Parameter
Min
Max
Unit
Note
VOSC_IN
Input voltage range
-0.3
VU5R
V
COSC
External parasitic capacitor at oscillator pins OSC1, OSC2
0
8
pF
CCRYSTAL
Crystal load capacitance
0
12
pF
VIL
Input ”low” voltage
0
1.5
V
1
VIH
Input ”high” voltage
3.5
VU5R
V
1
1 for external clock applied to OSC1
The oscillator supports direct connection of 5.33 MHz or 16.000 MHz crystals with a dedicated load capacity
of 12pF and parasitic pin capacities of up to 8pF. The IC automatically detects the oscillation frequency of the
connected crystal and controls the internal clock generator circuit accordingly. The oscillator unit also contains
a clock watch dog circuit that can generate an unconditioned IC reset if there was no clock oscillation for more
than about 20µs. This is to prevent the IC from unpredicted behavior if no clock signal is available anymore.
4.13. IC Reset
Any IC reset turns the Data Output and Parameter Output Registers to 0xF and forces the corresponding
output drivers to high impedance state. Except at Power On Reset, Data Strobe and Parameter Strobe signals
are simultaneously generated to visualize possibly changed output data to external circuitry.
The Data_Exchange_Disable flag becomes set during IC reset, prohibiting any data port activity right after IC
initialization and as long as the external circuitry was not pre-conditioned by decent parameter output data.
Consequently the AS-i master has to send a Write_Parameter call in advance of the first Data_Exchange
request to an initialized slave. Following IC initialization times apply:
Table 29: IC Initialization times
Symbol Parameter
Min
Max
Unit
Note
tINIT
Initialization time after Software Reset (generated by master
calls Reset_Slave or Broadcast_Reset) or external reset via
DSTBn
2
ms
1
tINIT2
Initialization time after power on
30
ms
2
tINIT3
Initialization time after power on with high capacitive load
1000
ms
3
1 guaranteed by design
2 ‘power on’ starts latest at V
UIN = 18V, external capacitor at pin UOUT less than or equal 10µF
3 C
UOUT = 470µF, tINIT3 is guaranteed by design only
4.13.1. Power On Reset
In order to force the IC into a defined state after power up and to avoid uncontrolled switching of the digital
logic if the 5V supply (U5R) breaks down below a certain minimum level, a Power On Reset is executed under
the following conditions:
Table 30: Power On Reset Threshold Voltages
Symbol Parameter
Min
Max
Unit
Note
VPOR1F
VU5R voltage to trigger internal reset procedure, falling voltage
1.2
1.7
V
1
VPOR1R
VU5R voltage to trigger INIT procedure, rising voltage
3.5
4.3
V
1
tLow
Power-on reset pulse width
4
6
µs
1 guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com