Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 23 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 23 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 21Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 22Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 23Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 24Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 25Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 26Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 27Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
23 of 62
3.2. User Area Programming
User Area data can be written by an ADRA or WID1 master request (refer to Table 6). Any such write access
is accompanied by two write steps to the Security_Flag, one before and one after the actual modification of
user data.
The following procedure is executed when writing to the User Area of the E²PROM:
1.
The Security_Flag is programmed to ‘1’.
2.
The content of the Security_Flag is read back, verifying it was programmed to ‘1’.
3.
The user data is modified.
4.
A read back of the written data is performed.
5.
If the read back has proven successful programming of the user data, the
Security_Flag is programmed back to ‘0’.
6.
The content of the Security_Flag is read back, verifying it was programmed to ‘0’.
Successful execution of the E²PROM write procedure may be observed at the status register contents. If bit
S0 is set (logic HIGH) the write process is not finished yet and the programming data is still volatile. If bit S3
(equals the Security_Flag) is set, the write procedure did not successfully complete either because the write
cycle was interrupted or due to an internal error. In order to program the data correctly the write request
should be repeated. The status register can be read using the AS-i Master call Read_Status (RDST).
In addition to a read out of the data areas, the Security_Flag of the E²PROM is also read and evaluated during
IC initialization. In case the value of the Security_Flag equals ‘1’ (i.e. due to an undesired interruption of a
User Area write access), the entire User Area data is treated as corrupted. The IC returns to Slave Address
“0” and the ID_Code as well as the IO_Code are set to 0xF. Consequently, the programming of the User Area
data can be repeated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com