Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 34 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 34 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 30Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 31Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 32Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 33Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 34Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 35Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 36Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 37Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
34 of 62
Table 21: Timing Data Port Outputs
Symbol Parameter
Min
Max
Unit
Note
tSTB
Output data is valid after DSTBn HIGH/LOW edge
0.0
1.5
µs
thold
Output driver is at high impedance state after DSTBn LOW/HIGH
0.2
1.0
µs
1
tDSTBn
Pulse width of Data Strobe (DSTBn)
6.0
6.8
µs
2
tDI-latch
Acceptance of input data
10.5
12.5
µs
3
1 Parameter is only valid if the respective data port is configured as I/O pin.
2 The timing of the resulting voltage signal also depends on the external pull up resistor.
3 The input data must be stable within the period defined by min. and max. values of t
DI-latch.
4.8.2.
Input Data Pre-Processing
DSTBn
data port output data
D0..D3
keep stable
tDI-latch
min
max
data port input data
thold
tSTB
tDSTBn
Figure 7: Timing diagram data port D0 ... D3 and DSTBn
Besides the standard input function the Data Port offers different data pre-processing features that can be
activated by setting corresponding flags in the Firmware Area of the E²PROM.
Input Inverting
The input values of all four data input channels are inverted if the Invert_Data_In flag is set.
Input Delay
If the Delay Mode is activated, a new input value is returned to the master if equal input data was sampled for
two consecutive Data_Exchange cycles. As long as the condition is not true, previous valid data is returned.
To suppress undesired input data validation in case of immediately repeated Data_Exchange calls (i. e. AS-i
Masters immediately repeat one Data_Exchange requests if no valid slave response was received on the first
request) input data sampling is blocked for 256µs (-6.25%) after every sampling event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com