Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 41 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 41 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 37Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 38Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 39Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 40Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 41Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 42Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 43Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 44Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 45Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
41 of 62
Table 27: LED status indication
Priority / Status
LED1 / LED 2
Note
1. Power Off
No power supply available
gree
n
red
2. External Reset
DSTRBn driven LOW for more than 90ms.
3. Periphery Fault
alternating
Periphery Fault signal generated at PFAULT input.
4. No data
exchange
(Address = 0)
Slave is waiting for address assignment. Data Port communication is not
possible.
5. No data
exchange
The IC was reset by the Communication Watchdog or by RES or BR01
master calls, thus the Data_Exchange_Disable flag is still set,
prohibiting Data Port communication. IC is waiting for a
Write_Parameter request.
1
6. Normal
operation
Data communication is established
red
green
red
green
red
green
red
red
red
red
red
1 This status is not signaled if the Communication Watchdog is not activated (refer to chapter 4.17
Communication Monitor/Watchdog).
The flashing frequency of any flashing status indication is 2 … 3 Hz.
In case of the simultaneous occurrence of several states the status with the highest priority is signaled.
4.11.2. Master/Repeater Mode
In Master/Repeater Mode LED1 provides the Manchester-II-coded, re-synchronized equivalent of the telegram
signal received at the AS-i input channel.
Every received AS-i telegram is checked for consistency with the protocol specifications and timing jitters
become removed as long as they stay within the specified limits. In case a telegram error is detected, the
output becomes inactive for a certain time periode, see chapter 4.19.3.
LED2 is always logic HIGH (high impedance) in Master/Repeater. In such applications, the green LED shall
be connected to Pin UOUT or different supply levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com