Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 52 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 52 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 48Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 49Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 50Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 51Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 52Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 53Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 54Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 55Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 56Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
52 of 62
Table 36: SAP5 Pin Assignment in Master- and Repeater Mode
Signal Name
Pin configuration
SOIC 20
Pin #
SOIC 16
pin #
Name
in Master/Repeater Mode
Description
1
-
P1
none
I/O
not used
2
-
P0
none
I/O
not used
3
1
D1
none
I/O
not used
4
2
D0
TX_DAT
IN
transmit signal (Manchester II
signal)
5
3
DSTBn
RESETn
IN
external reset input (active LOW)
6
4
LED1
RX_DAT
OUT
receive signal (Manchester II signal)
7
5
OSC2
OSC2
OUT
Crystal oscillator
8
6
OSC1
OSC1
IN
Crystal oscillator / External clock
input
9
7
U5R
U5R
OUT
Regulated 5V power supply
10
8
LTGN
LTGN
IN
AS-i Transmitter/Receiver output, to
be connected to AS-i-
11
9
LTGP
LTGP
IN
AS-i Transmitter/Receiver input, to
be connected to AS-i+ via reverse
polarity protection diode,
input for the power fail comparator
12
10
CDC
CDC
OUT
external buffer capacitor
13
11
UOUT
UOUT
OUT
decoupled actuator/sensor power
supply
14
12
PFAULT
none
IN
not used
15
13
LED2
none
OUT
not used
16
14
PSTBn
APF
OUT
AS-I power fail signal
17
15
D3
none
I/O
not used
18
16
D2
none
I/O
not used
19
-
P3
none
I/O
not used
20
-
P2
none
I/O
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com