Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAP51D-A-G1-R Datasheet(PDF) 46 Page - Zentrum Mikroelektronik Dresden AG

Part # SAP51D-A-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

SAP51D-A-G1-R Datasheet(HTML) 46 Page - Zentrum Mikroelektronik Dresden AG

Back Button SAP51D-A-G1-R Datasheet HTML 42Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 43Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 44Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 45Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 46Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 47Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 48Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 49Page - Zentrum Mikroelektronik Dresden AG SAP51D-A-G1-R Datasheet HTML 50Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
46 of 62
If at least one of these errors occurs, the received telegram is treated invalid. In this case, the UART will not
generate a Receive Strobe signal. It moves to asynchronous state and wait for a pause at the AS-i line input.
After a pause was detected, the UART is ready to receive the next telegram.
Receive Strobe signals are generally used to validate the correctness of the received data. Receive Strobe
starts the internal processing of a master request. If the UART was in asynchronous state before the signal
was generated, it transforms to synchronous state thereafter. In case the received slave address matches the
stored address of the IC, the transmitter is turned on by the Receive Strobe pulse, letting the output driver
settle smoothly at the operation point (avoiding false pulses at the AS-i line).
4.15. Main State Machine
The Main State Machine controls the overall behavior of the IC. Depending on the configuration data stored in
the E²PROM, the State Machine activates one of the different IC operational modes and controls the digital
I/O ports accordingly. In Slave Mode it processes the received master telegrams and computes the contents
of the slave answer, if required. Table 6 on page 20 lists all master calls that are decoded by the SAP5 in
Slave Mode. To prevent the critical situation in which the IC gets locked in a not allowed state (i.e. by imission
of strong electromagnetic radiation) and thereby could jeopardize the entire system, all prohibited states of the
state machine will lead to an unconditioned logic reset which is comparable to the AS-i call ”Reset Slave
(RES)”.
4.16. Status Registers
Table 32 shows the SAP5 status register content. The use of status bits S0, S1 and S3 is compliant to the AS-
Interface Complete Specification. Status bit S2 is not used. The status register content can be determined by
use of a Read_Status (RDST) master request (refer to Table 6).
Table 32: Status Register Content
Status Register Bit
Sx = 0
Sx = 1
S0
E
2PROM write accessible
Slave Address stored volatile and/or
E
2PROM access blocked (write in
progress)
1
S1
no periphery fault detected,
(input PFAULT = ‘1’),
E
2PROM Firmware Area and Safety
Area content consistent
periphery fault detected,
(input PFAULT = ‘0’),
parity bit error in E
2PROM Firmware
Area or Safety Area
S2
Static zero
N/A
S3
E
2PROM content consistent
E
2PROM contains corrupted data
1 Status Bit S0 is set to ‘1’ as soon as a DELA master request was received and the slave address was
unequal to “0” before. Additionally, it is set for the entire duration of each E
2PROM write access.
4.17. Communication Monitor/Watchdog
The IC contains an independent Communication Monitor that observes the processing of Data_Exchange
(DEXG) and Write_Parameter (WPAR) requests. If no such requests have been processed for more than
94.2ms (+4ms) the Communication Monitor recognizes a No Data/Parameter Exchange status and turns the
red status LED (LED2) on. Any following Data_Exchange or Write_Parameter request will let the
Communication Monitor start over and turn the red status LED off.
The Communication Monitor is only activated at slave addresses unequal to zero (0) and while the IC is
processing the first Write_Parameter request after initialization. It becomes deactivated at any IC Reset or
after the reception of a Delete_Address Request.
Activation of the Communication Watchdog depends on several E²PROM flags and the Parameter Port P0
Output Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com