Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 16 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 12Page - Texas Instruments AMC0200D Datasheet HTML 13Page - Texas Instruments AMC0200D Datasheet HTML 14Page - Texas Instruments AMC0200D Datasheet HTML 15Page - Texas Instruments AMC0200D Datasheet HTML 16Page - Texas Instruments AMC0200D Datasheet HTML 17Page - Texas Instruments AMC0200D Datasheet HTML 18Page - Texas Instruments AMC0200D Datasheet HTML 19Page - Texas Instruments AMC0200D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
6.17 Typical Characteristics (continued)
at VDD1 = 5V, VDD2 = 3.3V, VINP = –250mV to 250mV, VINN = 0V, and fIN = 10kHz (unless otherwise noted)
0.1
1
10
100
1000
10000
Frequency (kHz)
0
100
200
300
400
500
600
700
800
G017
Figure 6-24. Input-Referred Noise Density vs Frequency
0
50
100
150
200
250
300
350
|V
INP- VINN|(mV)
45
50
55
60
65
70
75
80
G032
Figure 6-25. Signal-to-Noise Ratio vs Input Voltage
3
3.5
4
4.5
5
5.5
VDDx (V)
70
73
76
79
82
85
vs VDD1
vs VDD2
G034
Figure 6-26. Signal-to-Noise Ratio vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (ºC)
70
73
76
79
82
85
Device 1
Device 2
Device 3
G035
Figure 6-27. Signal-to-Noise Ratio vs Temperature
0.01
0.1
1
10
100
1000
Ripple Frequency (kHz)
-140
-120
-100
-80
-60
-40
-20
0
vs VDD1
vs VDD2
G041
Figure 6-28. Power-Supply Rejection Ratio vs Ripple Frequency
3
3.5
4
4.5
5
5.5
VDDx (V)
-140
-120
-100
-80
-60
-40
-20
0
vs VDD1
vs VDD2
G040
Figure 6-29. Power-Supply Rejection Ratio vs Supply Voltage
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com