Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 10Page - Texas Instruments AMC0200D Datasheet HTML 11Page - Texas Instruments AMC0200D Datasheet HTML 12Page - Texas Instruments AMC0200D Datasheet HTML 13Page - Texas Instruments AMC0200D Datasheet HTML 14Page - Texas Instruments AMC0200D Datasheet HTML 15Page - Texas Instruments AMC0200D Datasheet HTML 16Page - Texas Instruments AMC0200D Datasheet HTML 17Page - Texas Instruments AMC0200D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
6.17 Typical Characteristics (continued)
at VDD1 = 5V, VDD2 = 3.3V, VINP = –250mV to 250mV, VINN = 0V, and fIN = 10kHz (unless otherwise noted)
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature(ºC)
5
6
7
8
9
10
11
12
Device 1
Device 2
Device 3
G005
Figure 6-12. Input Current vs Temperature
3
3.5
4
4.5
5
5.5
VDDx (V)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
vs VDD1
vs VDD2
G020
Figure 6-13. Gain Error vs Supply Voltage
-40
-25
-10
5
20
35
50
65
80
95
110 125
Temperature (°C)
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
Device 1
Device 2
Device 3
G021
Figure 6-14. Gain Error vs Temperature
1
10
100
1000
f
IN(kHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
G007
Figure 6-15. Normalized Gain vs Input Frequency
1
10
100
1000
f
IN(kHz)
-360
-315
-270
-225
-180
-135
-90
-45
0
45
G008
Figure 6-16. Output Phase vs Input Frequency
-350 -300 -250 -200 -150 -100 -50
0
50 100 150 200 250 300 350
Differential Input Voltage (mV)
0
0.5
1
1.5
2
2.5
3
3.5
VOUTP
VOUTN
G006
Figure 6-17. Output Voltage vs Input Voltage
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com