Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 19Page - Texas Instruments AMC0200D Datasheet HTML 20Page - Texas Instruments AMC0200D Datasheet HTML 21Page - Texas Instruments AMC0200D Datasheet HTML 22Page - Texas Instruments AMC0200D Datasheet HTML 23Page - Texas Instruments AMC0200D Datasheet HTML 24Page - Texas Instruments AMC0200D Datasheet HTML 25Page - Texas Instruments AMC0200D Datasheet HTML 26Page - Texas Instruments AMC0200D Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The AMC0x00D has low analog input voltage range, high accuracy, low temperature drift, and high common-
mode transient immunity. The AMC0x00D is primarily designed for shunt-based current-sensing applications
where accurate current monitoring is required in the presence of high common-mode voltages. The AMC0x00D
is preferred for isolated current sensing in motor drives, frequency inverters, and uninterruptible power-supply
applications.
8.2 Typical Application
The following image shows the AMC0x00D in a typical application. The load current flowing through an external
shunt resistor RSHUNT produces a voltage drop. The AMC0x00D high-side circuitry senses the voltage drop
across the shunt resistor, then digitizes and transfers data across the isolation barrier to the low side. Low-side
circuitry reconstructs the digitized data into an analog signal and provides the signal as a differential voltage on
the output pins.
The differential input, differential output, and high common-mode transient immunity (CMTI) of the AMC0x00D
provide reliable and accurate operation even in high-noise environments.
10
10
10 nF
VDD1
GND1
INP
INN
VDD2
OUTP
OUTN
GND2
RSHUNT
1 uF 100 nF
Floating Gate
Driver Supply
+ DC Link
– DC Link
1 uF
100 nF
Low-side supply
(3.3 V or 5 V)
Load
ADC
1 nF
1 nF
Figure 8-1. Using the AMC0x00D for Current Sensing in a Typical Application
www.ti.com
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com