Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 7Page - Texas Instruments AMC0200D Datasheet HTML 8Page - Texas Instruments AMC0200D Datasheet HTML 9Page - Texas Instruments AMC0200D Datasheet HTML 10Page - Texas Instruments AMC0200D Datasheet HTML 11Page - Texas Instruments AMC0200D Datasheet HTML 12Page - Texas Instruments AMC0200D Datasheet HTML 13Page - Texas Instruments AMC0200D Datasheet HTML 14Page - Texas Instruments AMC0200D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
6.13 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD1 = 3.0V to 5.5V, VDD2 = 3.0V to 5.5V, VINP =
–250mV to +250mV, and VINN = 0V; typical specifications are at TA = 25°C, VDD1 = 5V, and VDD2 = 3.3V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD2UV
Low-side undervoltage detection
threshold
VDD2 rising
2.3
2.5
2.7
V
VDD2 falling
1.9
2.05
2.2
(1)
The typical value includes one standard deviation (sigma) at nominal operating conditions.
(2)
This parameter is input referred.
(3)
THD is the ratio of the rms sum of the amplitues of first five higher harmonics to the amplitude of the fundamental.
(4)
Offset error temperature drift is calculated using the box method, as described by the following equation:
TCVOS = (VOS,MAX - VOS,MIN) / TempRange where VOS,MAX and VOS,MIN refer to the maximum and minimum VOS values measured
within the temperature range (–40 to 125
℃).
(5)
Gain error temperature drift is calculated using the box method, as described by the following equation:
TCEG (ppm) = ((EG,MAX - EG,MIN) / TempRange) x 104 where EG,MAX and EG,MIN refer to the maximum and minimum EG values (in %)
measured within the temperature range (–40 to 125
℃).
6.14 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
1.7
µs
tf
Output signal fall time
1.7
µs
VINx to VOUTx signal delay (50% - 10%)
Unfiltered output
0.8
1.3
µs
VINx to VOUTx signal delay (50% - 50%)
Unfiltered output
1.6
2.1
µs
VINx to VOUTx signal delay (50% - 90%)
Unfiltered output
2.5
3
µs
tAS
Analog settling time
VDD1 step to 3.0V with VDD2 ≥ 3.0V, to
VOUTP, VOUTN valid, 0.1% settling
20
100
µs
6.15 Timing Diagram
INP – INN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90%
OUTP
t
r
V
CMout
+V
FSR
–V
FSR
0V
Figure 6-1. Rise, Fall, and Delay Time Waveforms
www.ti.com
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com