Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 1 Page - Texas Instruments

  AMC0200D Datasheet HTML 1Page - Texas Instruments AMC0200D Datasheet HTML 2Page - Texas Instruments AMC0200D Datasheet HTML 3Page - Texas Instruments AMC0200D Datasheet HTML 4Page - Texas Instruments AMC0200D Datasheet HTML 5Page - Texas Instruments AMC0200D Datasheet HTML 6Page - Texas Instruments AMC0200D Datasheet HTML 7Page - Texas Instruments AMC0200D Datasheet HTML 8Page - Texas Instruments AMC0200D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
AMC0x00D Precision, ±250mV Input,
Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
1 Features
• Linear input voltage range: ±250mV
• Supply voltage range:
– High-side (VDD1): 3.0V to 5.5V
– Low-side (VDD2): 3.0V to 5.5V
• Fixed gain: 8.2V/V
• Differential analog output
• Low DC errors:
– Offset error: ±0.2mV (maximum)
– Offset drift: ±2µV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±35ppm/°C (maximum)
– Nonlinearity: 0.04% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Isolation ratings:
– AMC0200D: Basic isolation
– AMC0300D: Reinforced Isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C
2 Applications
• Industrial motor drives
• Frequency inverters
• Server power-supply units (PSU)
• Power factor correction (PFC)
3 Description
The AMC0x00D is a precision, galvanically isolated
amplifier with a ±250mV, differential input and
differential output. The input is optimized for direct
connection to a shunt resistor or other low-impedance
signal source.
The isolation barrier separates parts of the system
that operate on different common-mode voltage
levels. The isolation barrier is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced isolation up to 5kVRMS (DWV
package) and basic isolation up to 3kVRMS (D
package) (60s).
The
AMC0x00D
outputs
a
differential
signal
proportional to the input voltage. The differential
output is insensitive to ground shifts and enables
routing the output signal over long distances.
The AMC0x00D comes in 8-pin, wide- and narrow-
body SOIC packages, and is fully specified over the
temperature range from –40°C to +125°C.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC0200D (3)
D (SOIC, 8)
4.9mm × 6mm
AMC0300D
DWV (SOIC, 8)
5.85mm × 11.5mm
(1)
For more information, see the Mechanical, Packaging, and
Orderable Information .
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
Product Preview information (not Production Data).
VDD2
Low-side supply
(3.3V or 5V)
OUTP
OUTN
GND2
ADC
±2.05 V
VCMout
GND1
INP
INN
VDD1
I
High-side supply
(3.3V or 5V)
+250mV
0 V
–250mV
Typical Application
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - AMC0200D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC0200D TI2-AMC0200D Datasheet
1Mb / 43P
AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
REVISED JUNE 2026
AMC0200D-Q1 TI2-AMC0200D-Q1 Datasheet
1Mb / 39P
AMC0x00D-Q1 Automotive, Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
NOVEMBER 2025
AMC0200DDR TI2-AMC0200DDR Datasheet
1Mb / 43P
AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
REVISED JUNE 2026
AMC0200D TI2-AMC0200D_V01 Datasheet
1Mb / 43P
AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
REVISED JUNE 2026
More results

Similar Description - AMC0200D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP184 AD-OP184_06 Datasheet
508Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP184 AD-OP184_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP284 AD-OP284_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
OP484 AD-OP484_15 Datasheet
676Kb / 24P
Precision Rail-to-Rail Input and Output Operational Amplifiers
Rev. J
logo
Allegro MicroSystems
ACS726 ALLEGRO-ACS726 Datasheet
1Mb / 15P
Galvanically Isolated Current Sensor IC With Differential Output and Externally Adjustable Gain
logo
Texas Instruments
AMC1311 TI1-AMC1311 Datasheet
1Mb / 36P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
ISO224 TI1-ISO224 Datasheet
568Kb / 25P
Reinforced Isolated Amplifier With Single-Ended Input of 짹12 V and Differential Output of 짹4 V
logo
Analog Devices
ADUM4195-1 AD-ADUM4195-1 Datasheet
634Kb / 16P
Isolated Amplifier with Fixed Gain and Single-Ended Output
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com