Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC0200D Datasheet HTML 20Page - Texas Instruments AMC0200D Datasheet HTML 21Page - Texas Instruments AMC0200D Datasheet HTML 22Page - Texas Instruments AMC0200D Datasheet HTML 23Page - Texas Instruments AMC0200D Datasheet HTML 24Page - Texas Instruments AMC0200D Datasheet HTML 25Page - Texas Instruments AMC0200D Datasheet HTML 26Page - Texas Instruments AMC0200D Datasheet HTML 27Page - Texas Instruments AMC0200D Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
8.2.1 Design Requirements
Table 8-1 lists the parameters for this typical application.
Table 8-1. Design Requirements
PARAMETER
VALUE
High-side supply voltage
3.3V or 5V
Low-side supply voltage
3.3V or 5V
Voltage drop across RSHUNT for a linear response
±250mV(maximum)
8.2.2 Detailed Design Procedure
In the Typical Application figure, the high-side power supply (VDD1) for the AMC0x00D is derived from the
floating power supply of the upper gate driver.
The floating ground reference (GND1) is derived from the end of the shunt resistor that is connected to the
negative input of the AMC0x00D (INN). If a four-pin shunt is used, the inputs of the AMC0x00D are connected to
the inner leads. GND1 is then connected to the outer lead on the INN-side of the shunt. To minimize offset and
improve accuracy, route the ground connection as a separate trace that connects directly to the shunt resistor.
Do not short GND1 to INN directly at the device input; see the Layout Example section for more details.
Use Ohm's Law to calculate the voltage drop across the shunt resistor (VSHUNT) for the desired measured
current:
VSHUNT = I × RSHUNT
(2)
Select a RSHUNT value to satisfy the following two conditions:
• First, the voltage drop caused by the nominal current range does not exceed the recommended differential
input voltage range of VSHUNT ≤ ±250mV.
• Secondly, the voltage drop caused by the maximum allowed overcurrent does not exceed the input voltage
that causes a clipping output. Keep VSHUNT ≤ VClipping.
8.2.2.1 Input Filter Design
Place a differential RC filter (R1, R2, C5) in front of the isolated amplifier to improve signal-to-noise performance
of the signal path. Design the input filter such that:
• The cutoff frequency of the filter is at least one order of magnitude lower than the sampling frequency
(20MHz) of the ΔΣ modulator
• The input bias current does not generate significant voltage drop across the DC impedance of the input filter
• The impedances measured from the analog inputs are equal
Place capacitors C6 and C7 to improve common-mode rejection at high frequencies (>1MHz) and to improve
offset voltage performance. For best performance, verify C6 matches the value of C7 and that both capacitors
are 10 to 20 times lower in value than C5. NP0-type capacitors offer low temperature drift and low voltage
coefficients, and are preferred for common-mode filtering.
For most applications, the structure shown in Figure 8-2 achieves excellent performance.
10
10
10 nF
VDD1
GND1
INP
INN
VDD2
OUTP
OUTN
GND2
1 nF
1 nF
R2
R1
C5
C6
C7
Figure 8-2. Differential Input Filter
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com