Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC0200D Datasheet(PDF) 2 Page - Texas Instruments

Part # AMC0200D
Description  AMC0x00D Precision, ±250mV Input, Basic and Reinforced Isolated Amplifiers With Fixed Gain and Differential Output
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0200D Datasheet(HTML) 2 Page - Texas Instruments

  AMC0200D Datasheet HTML 1Page - Texas Instruments AMC0200D Datasheet HTML 2Page - Texas Instruments AMC0200D Datasheet HTML 3Page - Texas Instruments AMC0200D Datasheet HTML 4Page - Texas Instruments AMC0200D Datasheet HTML 5Page - Texas Instruments AMC0200D Datasheet HTML 6Page - Texas Instruments AMC0200D Datasheet HTML 7Page - Texas Instruments AMC0200D Datasheet HTML 8Page - Texas Instruments AMC0200D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information (D Package)...............................5
6.5 Thermal Information (DWV Package)......................... 5
6.6 Power Ratings ............................................................5
6.7 Insulation Specifications (Basic Isolation)...................6
6.8 Insulation Specifications (Reinforced Isolation).......... 7
6.9 Safety-Related Certifications (Basic Isolation)............8
6.10 Safety-Related Certifications (Reinforced
Isolation)........................................................................8
6.11 Safety Limiting Values (D Package).......................... 9
6.12 Safety Limiting Values (DWV Package)....................9
6.13 Electrical Characteristics.........................................10
6.14 Switching Characteristics ....................................... 11
6.15 Timing Diagram....................................................... 11
6.16 Insulation Characteristics Curves........................... 12
6.17 Typical Characteristics............................................ 13
7 Detailed Description......................................................19
7.1 Overview................................................................... 19
7.2 Functional Block Diagram......................................... 19
7.3 Feature Description...................................................20
7.4 Device Functional Modes..........................................22
8 Application and Implementation.................................. 23
8.1 Application Information............................................. 23
8.2 Typical Application.................................................... 23
8.3 Best Design Practices...............................................26
8.4 Power Supply Recommendations.............................26
8.5 Layout....................................................................... 27
9 Device and Documentation Support............................28
9.1 Documentation Support............................................ 28
9.2 Receiving Notification of Documentation Updates....28
9.3 Support Resources................................................... 28
9.4 Trademarks...............................................................28
9.5 Electrostatic Discharge Caution................................28
9.6 Glossary....................................................................28
10 Revision History.......................................................... 28
11 Mechanical, Packaging, and Orderable
Information.................................................................... 29
AMC0200D, AMC0300D
SBASAR7 – SEPTEMBER 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0200D AMC0300D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com