Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 4 Page - Renesas Technology Corp

  FS3000-EVK Datasheet HTML 1Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 2Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 3Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 4Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 5Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 6Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 7Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 8Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Environmental Sensors Evaluation Kit Manual
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 4
1.
Setup
1.1
Initial Startup
To set up and operate the Evaluation Kit (EVK), refer to the Quick Start Guide included in the kit.
1.2
Required User Equipment
By default, the internal supply voltage for powering the sensor board is generated from the USB voltage supplied
by the user’s computer via the USB cable. If there is a need for currents higher than the defined USB Standard
(typically 500mA at 5V), an external voltage supply source can be used instead of the internally generated
voltage supply provided on the communication board.
The external supply powers only the sensor modules and not the communication board itself. The supply must
meet the following requirements:
■
Voltage 1.8V to 3.3V
■
Current supply capability must meet the requirements of the connected sensors
1.3
User Computer Requirements
1.3.1.
Computer Requirements
Windows®-based computer is required for interfacing with the EVK and configuring the gas sensor modules. The
user must download and install the Environmental Sensors Evaluation Software (ES-Eval).
The computer must meet the following requirements:
■
1GB RAM
■
Hard drive with at least 1GB free space
■
1 USB port
■
Windows 7, 8, 10, or 11
■
Internet access for initial download of the drivers and software
Important: Before installing and activating the software, assemble and connect the hardware for the kit to the
user’s computer according to steps 1 to 3 in section 1.5.
1.4
Software Installation and Setup
Complete the following procedure to download and install the Environmental Sensors Evaluation Software
(ES-Eval) with the kit connected:
1.
Download the Environmental Sensors Evaluation Software (ES-Eval) file. This file can also be downloaded
from any Renesas sensor product page.
2.
Double-click on the executable Installer file to start and follow the installation steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com