Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FS3000-EVK Datasheet HTML 4Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 5Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 6Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 7Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 8Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 9Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 10Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 11Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Environmental Sensors Evaluation Kit Manual
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 8
Depending on the sensor and operation mode, the user may see slightly different options. The available user
options for all measurement modes are described in Table 2
Table 2. Analysis Tab User Options
Display Section
Button/Action
Description
Measurement Control
Scan the bus for sensors connected to the ESCom board.
This
“Open” option allows the loading of previously recorded csv files into the
EVK software when having the same csv file column structure. In case raw
data are included it allows post-processing of previously recorded CSV files
with the latest algorithms. For this usage, it is not necessary to connect the
EVK hardware.
The “Export” can be used to export a data file that was loaded
and post-processed with the latest GUI algorithms.
Clicking the
“Start Measurement” button starts running a continuous
measurement and changes the button function to
”Stop Measurement.”
Clicking the button again stops the measurement. All data captured during the
measurement session is stored in a CSV formatted output file. The name of
the output file can be selected either with an auto-name format or customized
file name. The sensor results will be saved in a comma-separated file (CSV)
which is user-selected via the file and path selection dialog when the sensor is
started. This CSV file contains multiple sensor parameters (the sensor
tracking number, the production lot number, calibration parameters, etc.) In
addition, typically all raw sensor signals (for example, resistances) for each
measurement step and temperature are recorded.
Note: Additional information and parameters are usually used for debugging
and validation only and the focus needs to be on the relevant parameters,
such as the algorithm results.
A comment (for example
, “Start gas exposure”) can be added to the recorded
data. After clicking the
“Comment” button, a position in the graph must be
clicked to place the comment. Use the ESC key to escape this function.
In this section it is possible to:
▪ Activate cursor in the visualization plot
▪ Open a dialog for more settings such as default log parameters
▪ Switch to a Simple Mode to display results without any graphs
▪ Provide help for GUI controls (first click
“Help” then click the object you
want information about)
▪ Exit the software
Sensor Select
This widget is used to select sensors for configuration and to configure
whether they are shown in the GUI and logged in the graph. After a bus scan,
all sensors and interface boards detected on the computer are listed here.
Measurement data is collected for all sensors and logged in the output file. To
remove a sensor or sensor type from data acquisition, right-click on the
corresponding element and chose ‘remove’. A new bus scan is required to
add the sensors again.
In addition, the first of each sensor type is displayed in the graphs. The
checkbox in front of each sensor is used to enable or disable plot
visualization.
Note: Only one sensor of each type can be plotted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com