Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button FS3000-EVK Datasheet HTML 16Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 17Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 18Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 19Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 20Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 21Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 22Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 23Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Environmental Sensors Evaluation Kit Manual
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 20
Table 4. PIN Configuration on Connector X1
Pin Number
Pin Description
1
VDD
2
5V
3
N.C.
4
N.C.
5
SCL / TX
6
RES_N
7
SDA / RX
8
N.C.
9
N.C.
10
INT
11
N.C.
12
N.C.
13
GND
14
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com