Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button FS3000-EVK Datasheet HTML 2Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 3Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 4Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 5Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 6Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 7Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 8Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 9Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Environmental Sensors Evaluation Kit Manual
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 6
Table 1. Evaluation Kit Connection Descriptions
Connector
Type
Description
K2
3-pin header
This jumper selects either the internal or external voltage supply. For the proper position
for the jumper, see Figure 2. It is also possible to measure the current drawn by the
sensor. For this feature, ensure all other electrical components on the sensor board are
physically removed.
PMOD
PMOD (Male)
This connector can be used to connect the ESCom to a Renesas MCU Development Kit
and communicate with the sensors connected via the K4 or the PMOD (socket)
Connector.
PMOD
PMOD (Female)
This connector can be used to connect a Renesas PMOD sensor to the ESCom board.
Check the Renesas website for information about the available PMOD devices.
K4
14-pin connector
Port for connecting the environmental sensor boards to the ESCom communication
board.
K5
2-pin header
Connector for an optional external power supply (see Figure 2).
D1
Power LED
LED illuminates blue if the communication board is powered correctly.
D2
Status LED
LED illuminates blue if the ESCom is properly connected and the kit software is started.
It blinks green when an actual communication with a sensor takes place.
P1
USB-C
USB-C cable connector for connecting the communication b
oard to the user’s
computer.
.
Figure 2. Jumper Settings on the Communication Board for Internal or External Supply Voltage
Figure 3. Using a 14-Pin Ribbon Cable to Increase Distance between Communication and Sensor Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com