Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FS3000-EVK Datasheet HTML 6Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 7Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 8Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 9Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 10Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 11Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 12Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 13Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Environmental Sensors Evaluation Kit Manual
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 10
Display Section
Button/Action
Description
Signal Analysis
The following algorithm results are given for ZMOD4410 and RRH46410:
▪ IAQ 2nd Gen (Absolute and Relative):
The IAQ rating from the Federal German Environmental Agency (UBA)
ranging from 1 (Clean Hygienic Air) to 5 (Unacceptable Conditions) and is
based on an absolute TVOC reading (mg/m3 or Ethanol equivalent in ppm).
Also, a relative IAQ indicates general changes in air quality:
● 0 to 100
Improvement in Air Quality (air gets cleaner)
● 100
No change in Air Quality
● 100 to 500
Degradation in Air Quality (air gets more polluted)
▪ PBAQ:
The PBAQ operation mode complies with typical Public Building Air Quality
standards. It focuses on high accurate TVOC concentrations in the typical
indoor environments and is given in absolute numbers (mg/m3) and as
relative output (same scale as IAQ 2nd Gen). Also, a relative PBAQ output
indicates general changes in air quality:
● 0 to 100
Improvement in Air Quality (air gets cleaner)
● 100
No change in Air Quality
● 100 to 500
Degradation in Air Quality (air gets more polluted)
▪ Sulfur Odor Discrimination:
Identifies bad sulfur odors. The algorithm output is classified as
“acceptable” and “bad” with an intensity indicator ranging from 1 (clean air)
to 5 (very strong)
The following algorithm results is given for ZMOD4510:
The first 50 measurement samples will be taken for sensor stabilization.
During this time, the “Algorithm Result” section will indicate the completion
progress and will continually show the sensor resistance. After stabilization,
the ozone and nitrogen dioxide concentrations are given (in ppb) and the AQI
is shown in six categories according to the EPA Air Quality Standard:
▪ 0 to 50
Good Air Quality
▪ 51 to 100
Moderate Air Quality
▪ 101 to 150
Unhealthy Air Quality for Sensitive Groups
▪ 151 to 200
Unhealthy Air Quality
▪ 201 to 300
Very Unhealthy Air Quality
▪ > 300
Hazardous Air Quality
The following algorithm results are given for HS3001 and HS4001:
Temperature (°C) and Humidity (RH).
Returns the values for relative humidity (RH) in % and temperature in °C in
the selected sample interval.
The following algorithm results are given for RRH62000:
The All-in-one Air Quality Module includes sensing elements for Particle
Measurement (PM1, PM2.5, and PM10), TVOC, IAQ, eCO2, Temperature,
and Humidity. The PM measurement has two output options: KCl (Potassium
Chloride, a typical calibration particle nuclei) and Smoke (Cigarette smoke,
used for calibration).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com