Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FS3000-EVK Datasheet HTML 5Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 6Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 7Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 8Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 9Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 10Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 11Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 12Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Environmental Sensors Evaluation Kit Manual
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 9
Display Section
Button/Action
Description
Algorithm Select &
Configuration
If a
“Warm-Up” time is needed, it will be displayed to the user. Therefore, the
first measurements of the algorithm will be taken for this warm-up. This field
also indicates how much time has been completed during this period. Raw
sensor signals and algorithm results are shown on the plots during this time,
but full algorithm performance is only given after warm-up.
Note: This does not cover the full stabilization of the sensor module but rather
covers only the first minutes during startup.
After warm-up,
the “Signal Analyzes” field shows the measurement results
from all active sensors.
If a sensor is not needed for a measurement, it can be disabled (power down).
A second click on this button will re-enable the sensor.
In the event that multiple operation methods are available, these will be
displayed and activated here. It is also possible to deactivate a sensor if it is
required for the measurement and data collection.
For gas sensor operation, temperature and humidity compensations are
recommended. This is enabled by default in case a temperature/humidity
sensor is connected, such as the HS3001 or HS4001. If a temperature or
humidity sensor is not found or ignored, the settings for the parameters can be
set manually in this field.
Additional parameters for ZMOD4410 and RRH46410:
Renesas’ patented smart algorithm provides eCO2 readings with high
accuracy when activated (default). However, for demonstration reasons it may
be useful to disable the eCO2 algorithm in the section “Demonstration Modes”
to see fast CO2 changes directly related to the VOC level.
When using a Renesas HS temperature and humidity sensor, the temperature
result will be displayed in Celsius (°C) and the humidity in % RH, respectively.
The sampling interval of the HS can be adjusted as needed with the shortest
possible sampling interval of 0.5s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com