Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS3000-EVK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FS3000-EVK
Description  Environmental Sensors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS3000-EVK Datasheet(HTML) 1 Page - Renesas Technology Corp

  FS3000-EVK Datasheet HTML 1Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 2Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 3Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 4Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 5Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 6Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 7Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 8Page - Renesas Technology Corp FS3000-EVK Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Evaluation Kit Manual
Environmental Sensors
R36UH0011EU0103 Rev.1.03
Jul 30, 2024
Page 1
© 2023-2024 Renesas Electronics
This document describes the Environmental Sensors
Evaluation Kit (ES-EVK) for the following sensors:
■
ZMOD4410 for TVOC and IAQ
■
RRH46410 for TVOC and IAQ
■
ZMOD4510 for O3, NO2, and OAQ
■
ZMOD4450 for RAQ
■
HS3001 and HS4001 for RHT
■
FS3000 for Air Velocity
■
RRH62000 for PM, TVOC, and RHT
All sensors share the same evaluation kit platform in
hardware and software.
The Environmental Sensors Evaluation Software
allows Windows®-based operating systems to
communicate with the EVK
’s microcontroller via a
USB connection
on the user’s computer. The
software and additional related documentation are
available on each Renesas sensor web page.
The EVK’s Communication Board (ESCom) handles
the interface between the user’s computer and the
sensor modules mounted on the sensor boards
(”daughter boards”).
The evaluation kit uses an ARM®-based Renesas
RA4M2 MCU on the communication board to handle
the USB protocol, translate communications, and
synchronize communications with the I2C interface.
The sensor board includes necessary decoupling
capacitors; however, I2C pull-up resistors for the
sensor boards are not assembled or mounted on the
ESCom communication board, but on the provided
Renesas sensor boards only.
Kit Content
■
Environmental Sensor Communication board
(ESCom)
■
Sensor board with either:
● ZMOD4410 + HS4001
● ZMOD4510 + HS3001
● RRH46410 + HS4001
● ZMOD4450
● FS3000
● RRH62000
■
USB cable (Type-A to Type-C)
Features
■
User-friendly EVK expedites configuration and
evaluation of the Renesas environmental sensors
for air quality, gasses, humidity, temperature and
particulate matter
■
Supports all methods of operation for each sensor,
including ultra-low power and AI technology for
accurate and consistent sensor outputs
■
Sensor-dependent algorithmic output and, if
applicable, referring to international standards
■
Operates with Renesas provided software; either
with executable Graphic User Interface (GUI) or
alternatively with programming examples
■
The modular design of the EVK allows simple
connection of PMOD boards for different
environmental sensor derivatives and easy
integration with other sensor products via the I2C
interface
■
The required Environmental Sensors Evaluation
Software (ES-Eval) is available for free download
on the Renesas website
● Provides background information on air quality
sensing and how to use the sensor firmware
■
Additional pins to measure power consumption
and supply voltage
Evaluation Kit
Note: Product images in this document are
representations. Actual product configurations and
versions are subject to change.


Similar Part No. - FS3000-EVK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FS3000-1005 RENESAS-FS3000-1005 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
FS3000-1015 RENESAS-FS3000-1015 Datasheet
433Kb / 13P
Air Velocity Sensor Module
Rev.1.00 May 31, 2022
More results

Similar Description - FS3000-EVK

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M28840-6-16WB GLENAIR-M28840-6-16WB Datasheet
76Kb / 1P
Environmental Backshells
M28840-816WB GLENAIR-M28840-816WB Datasheet
78Kb / 1P
Environmental Backshells
M28840-916WB GLENAIR-M28840-916WB Datasheet
80Kb / 1P
Environmental Backshells
M85049-3A1A GLENAIR-M85049-3A1A Datasheet
78Kb / 1P
Environmental Backshells
M85049-4A1A GLENAIR-M85049-4A1A Datasheet
80Kb / 2P
Environmental Backshells
M85049-9-1 GLENAIR-M85049-9-1 Datasheet
85Kb / 2P
Environmental Backshells
M85049-11-1 GLENAIR-M85049-11-1 Datasheet
86Kb / 4P
Environmental Backshells
logo
List of Unclassifed Man...
HM11-12005LF ETC2-HM11-12005LF Datasheet
383Kb / 1P
Electrical / Environmental
logo
Extech Instruments Corp...
EN300 EXTECH-EN300 Datasheet
146Kb / 1P
Environmental Meter
logo
Glenair, Inc.
189-037 GLENAIR-189-037 Datasheet
240Kb / 2P
Environmental Backshell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com