Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 22Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 23Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 24Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 25Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 26Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 27Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 28Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 29Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 25 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
6.1.1 Internal Oscillators
Figure 6-1 shows that there are two internal oscillators. They can
be routed directly or divided. The direct routes may not have a
50% duty cycle. Divided clocks have a 50% duty cycle.
6.1.1.1 Internal Main Oscillator
In most designs the IMO is the only clock source required, due
to its ±1% accuracy. The IMO operates with no external
components and outputs a stable clock. A factory trim for each
frequency range is stored in the device. With the factory trim,
tolerance varies from ±1% at 3 MHz, up to ±7% at 74 MHz. The
IMO, in conjunction with the PLL, allows generation of CPU and
system clocks up to the device's maximum frequency (see USB
Clock Domain on page 26). The IMO provides clock outputs at
3, 6, 12, 24, 48, and 74 MHz.
6.1.1.2 Clock Doubler
The clock doubler outputs a clock at twice the frequency of the
input clock. The doubler works at input frequency of 24 MHz,
providing 48 MHz for the USB. It can be configured to use a clock
from the IMO, MHzECO, or the DSI (external pin).
6.1.1.3 Phase-Locked Loop
The PLL allows low frequency, high accuracy clocks to be
multiplied to higher frequencies. This is a tradeoff between
higher clock frequency and accuracy and, higher power
consumption and increased startup time.
The PLL block provides a mechanism for generating clock
frequencies based upon a variety of input sources. The PLL
outputs clock frequencies in the range of 24 to 80 MHz. Its input
and feedback dividers supply 4032 discrete ratios to create
almost any desired system clock frequency. The accuracy of the
PLL output depends on the accuracy of the PLL input source.
The most common PLL use is to multiply the IMO clock at 3 MHz,
where it is most accurate, to generate the CPU and system
clocks up to the device’s maximum frequency.
The PLL achieves phase lock within 250 µs (verified by bit
setting). It can be configured to use a clock from the IMO,
MHzECO, or DSI (external pin). The PLL clock source can be
used until lock is complete and signaled with a lock bit. The lock
signal can be routed through the DSI to generate an interrupt.
Disable the PLL before entering low power modes.
6.1.1.4 Internal Low-Speed Oscillator
The ILO provides clock frequencies for low power consumption,
including the watchdog timer, and sleep timer. The ILO
generates up to three different clocks: 1 kHz, 33 kHz, and
100 kHz.
The 1-kHz clock (CLK1K) is typically used for a background
‘heartbeat’ timer. This clock inherently lends itself to low power
supervisory operations such as the watchdog timer and long
sleep intervals using the central timewheel (CTW).
The central timewheel is a 1 kHz, free running, 13-bit counter
clocked by the ILO. The central timewheel is always enabled
except in hibernate mode and when the CPU is stopped during
debug on chip mode. It can be used to generate periodic
interrupts for timing purposes or to wake the system from a low
power mode. Firmware can reset the central timewheel.
The central timewheel can be programmed to wake the system
periodically and optionally issue an interrupt. This enables
flexible, periodic wakeups from low power modes or coarse
timing applications. Systems that require accurate timing should
use the RTC capability instead of the central timewheel.
The 100-kHz clock (CLK100K) can be used as a low power
system clock to run the CPU. It can also generate time intervals
using the fast timewheel.
The fast timewheel is a 5-bit counter, clocked by the 100-kHz
clock. It features programmable settings and automatically
resets when the terminal count is reached. An optional interrupt
can be generated each time the terminal count is reached. This
enables flexible, periodic interrupts of the CPU at a higher rate
than is allowed using the central timewheel.
The 33-kHz clock (CLK33K) comes from a divide-by-3 operation
on CLK100K. This output can be used as a reduced accuracy
version of the 32.768-kHz ECO clock with no need for a crystal.
6.1.2 External Oscillators
Figure 6-1 shows that there are two external oscillators. They
can be routed directly or divided. The direct routes may not have
a 50% duty cycle. Divided clocks have a 50% duty cycle.
6.1.2.1 MHz External Crystal Oscillator
The MHzECO provides high frequency, high precision clocking
using an external crystal (see Figure 6-2). It supports a wide
variety of crystal types, in the range of 4 to 25 MHz. When used
in conjunction with the PLL, it can generate CPU and system
clocks up to the device's maximum frequency (see
Phase-Locked Loop on page 25). The GPIO pins connecting to
the external crystal and capacitors are fixed. MHzECO accuracy
depends on the crystal chosen.
Figure 6-2. MHzECO Block Diagram
Xo
(Pin P15[0])
4 - 25 MHz
Crystal Osc
XCLK_MHZ
4 – 25 MHz
crystal
Capacitors
External
Components
Xi
(Pin P15[1])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com