Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 59Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 62Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 63Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 64Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 65Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 66Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 62 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 9-1. JTAG Interface Connections between PSoC 5LP and Programmer
TCK (P1[1]
TMS (P1[0])
5
GND
GND
TCK
TMS
5
XRES
Host Programmer
PSoC 5
TDO
TDI (P1[4])
TDI
TDO (P1[3])
nTRST
6
nTRST (P1[5])
6
1 The voltage levels of Host Programmer and the PSoC 5 voltage domains involved in Programming should be same.
The Port 1 JTAG pins and XRES pin are powered byVDDIO1. So, VDDIO1 of PSoC 5 should be at same
voltage level as hostVDD. Rest of PSoC 5 voltage domains (VDDD, VDDA, VDDIO0, VDDIO2, VDDIO3) need not be at the same
voltage level as host Programmer.
2 Vdda must be greater than or equal to all other power supplies (Vddd, Vddios) in PSoC 5.
3 For Power cycle mode Programming, XRES pin is not required. But the Host programmer must have
the capability to toggle power (Vddd, Vdda, All Vddios) to PSoC 5. This may typically require external
interface circuitry to toggle power which will depend on the programming setup. Thepower supplies can
be brought up in any sequence, however, once stable, VDDA must be greater than or equal to all other
supplies.
4 For JTAG Programming, Device reset can also be done without connecting to the XRES pin or Power cycle mode by
using the TMS,TCK,TDI, TDO pins of PSoC 5, and writing to a specific register. But this requires that the DPS setting
in NVL is not equal to Debug Ports Disabled
5 By default, PSoC 5 is configured for 4-wire JTAG mode unless user changes the DPS setting. So the TMS pin is
unidirectional. But if the DPS setting is changed to non-JTAG mode, the TMS pin in JTAG is bi-directional as the SWD
Protocol has to be used for acquiring the PSoC 5 device initially. After switching from SWD to JTAG mode, the TMS
pin will be uni-directional. In such a case, unidirectional buffer should not be used on TMS line.
6 nTRST JTAG pin (P1[5]) cannot be used to reset the JTAG TAP controlller during first time programming of PSoC 5
as the default setting is 4-wire JTAG (nTRST disabled). Use the TMS, TCK pins to do a reset of JTAG TAP controller.
VDDD, VDDA, VDDIO0, VDDIO1, VDDIO2, VDDIO3
1, 2, 3, 4
VSSD, VSSA
XRES
4
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com