Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 62Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 63Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 64Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 65Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 66Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 67Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 63 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
9.2 SWD Interface
The SWD interface is the preferred alternative to the JTAG
interface. It requires only two pins instead of the four or five
needed by JTAG. SWD provides all of the programming and
debugging features of JTAG at the same speed. SWD does not
provide access to scan chains or device chaining. The SWD
clock frequency can be up to 1/3 of the CPU clock frequency.
SWD uses two pins, either two of the JTAG pins (TMS and TCK)
or the USBIO D+ and D- pins. The USBIO pins are useful for in
system programming of USB solutions that would otherwise
require a separate programming connector. One pin is used for
the data clock and the other is used for data input and output.
SWD can be enabled on only one of the pin pairs at a time. This
only happens if, within 8 μs (key window) after reset, that pin pair
(JTAG or USB) receives a predetermined acquire sequence of
1s and 0s. If the NVL latches are set for SWD (see Section 5.5),
this sequence need not be applied to the JTAG pin pair. The
acquire sequence must always be applied to the USB pin pair.
SWD is used for debugging or for programming the flash
memory.
The SWD interface can be enabled from the JTAG interface or
disabled, allowing its pins to be used as GPIO. Unlike JTAG, the
SWD interface can always be reacquired on any device during
the key window. It can then be used to reenable the JTAG
interface, if desired. When using SWD or JTAG pins as standard
GPIO, make sure that the GPIO functionality and PCB circuits
do not interfere with SWD or JTAG use.
Figure 9-2. SWD Interface Connections between PSoC 5LP and Programmer
VSSD, VSSA
VDDD, VDDA, VDDIO0, VDDIO1, VDDIO2, VDDIO3
1, 2, 3
SWDCK (P1[1] or P15[7])
SWDIO (P1[0] or P15[6])
XRES
3
GND
GND
SWDCK
SWDIO
XRES
Host Programmer
PSoC 5
VDD
1 The voltage levels of the Host Programmer and the PSoC 5 voltage domains involved in
programming should be the same. The XRES pin is powered by VDDIO1. The USB SWD
pins are powered by VDDD. So for Programming using the USB SWD pins with XRES pin, the VDDD, VDDIO1
of PSoC 5 should be at the same voltage level as Host VDD. Rest of PSoC 5 voltage domains
( VDDA, VDDIO0, VDDIO2, VDDIO3) need not be at the same voltage level as host Programmer. The Port 1 SWD
pins are powered by V
DDIO1. So VDDIO1 of PSoC 5 should be at same voltage level as host VDD for
Port 1 SWD programming. Rest of PSoC 5 voltage domains ( VDDD, VDDA, VDDIO0, VDDIO2, VDDIO3) need not
be at the same voltage level as host Programmer.
2 Vdda must be greater than or equal to all other power supplies (Vddd, Vddio s) in PSoC 5.
3 For Power cycle mode Programming, XRES pin is not required. But the Host programmer must have
the capability to toggle power (Vddd, Vdda, All Vddio s) to PSoC 5. This may typically require
external interface circuitry to toggle power which will depend on the programming setup. The power
supplies can be brought up in any sequence, however, once stable, VDDA must be greater than or
equal to all other supplies.
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com