Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 60 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 60 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 56Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 57Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 58Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 59Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 62Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 63Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 64Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 59 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
8.7.1 LCD Segment Pin Driver
Each GPIO pin contains an LCD driver circuit. The LCD driver
buffers the appropriate output of the LCD DAC to directly drive
the glass of the LCD. A register setting determines whether the
pin is a common or segment. The pin’s LCD driver then selects
one of the six bias voltages to drive the I/O pin, as appropriate
for the display data.
8.7.2 Display Data Flow
The LCD segment driver system reads display data and
generates the proper output voltages to the LCD glass to
produce the desired image. Display data resides in a memory
buffer in the system SRAM. Each time you need to change the
common and segment driver voltages, the next set of pixel data
moves from the memory buffer into the Port Data Registers via
DMA.
8.7.3 UDB and LCD Segment Control
A UDB is configured to generate the global LCD control signals
and clocking. This set of signals is routed to each LCD pin driver
through a set of dedicated LCD global routing channels. In
addition to generating the global LCD control signals, the UDB
also produces a DMA request to initiate the transfer of the next
frame of LCD data.
8.7.4 LCD DAC
The LCD DAC generates the contrast control and bias voltage
for the LCD system. The LCD DAC produces up to five LCD drive
voltages plus ground, based on the selected bias ratio. The bias
voltages are driven out to GPIO pins on a dedicated LCD bias
bus, as required.
8.8 CapSense
The CapSense system provides a versatile and efficient means
for measuring capacitance in applications such as touch sense
buttons, sliders, proximity detection, etc. The CapSense system
uses a configuration of system resources, including a few
hardware functions primarily targeted for CapSense. Specific
resource usage is detailed in the CapSense component in PSoC
Creator.
A capacitive sensing method using a Delta-Sigma Modulator
(CSD) is used. It provides capacitance sensing using a switched
capacitor technique with a delta-sigma modulator to convert the
sensing current to a digital code.
8.9 Temp Sensor
Die temperature is used to establish programming parameters
for writing flash. Die temperature is measured using a dedicated
sensor based on a forward biased transistor. The temperature
sensor has its own auxiliary ADC.
8.10 DAC
The CY8C58LP parts contain four Digital to Analog Convertors
(DACs). Each DAC is 8-bit and can be configured for either
voltage or current output. The DACs support CapSense, power
supply regulation, and waveform generation. Each DAC has the
following features.
Adjustable voltage or current output in 255 steps
Programmable step size (range selection)
Eight bits of calibration to correct ± 25% of gain error
Source and sink option for current output
8 Msps conversion rate for current output
1 Msps conversion rate for voltage output
Monotonic in nature
Data and strobe inputs can be provided by the CPU or DMA,
or routed directly from the DSI
Dedicated low-resistance output pin for high-current mode
Figure 8-12. DAC Block Diagram
8.10.1 Current DAC
The current DAC (IDAC) can be configured for the ranges 0 to
31.875 µA, 0 to 255 µA, and 0 to 2.04 mA. The IDAC can be
configured to source or sink current.
8.10.2 Voltage DAC
For the voltage DAC (VDAC), the current DAC output is routed
through resistors. The two ranges available for the VDAC are 0
to 1.02 V and 0 to 4.08 V. In voltage mode any load connected
to the output of a DAC should be purely capacitive (the output of
the VDAC is not buffered).
Reference
Source
Scaler
I source Range
1x , 8x , 64x
I sink Range
1x , 8x , 64x
R
3R
Vout
Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com