Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 55Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 56Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 57Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 58Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 59Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 60Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 61Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 62Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 58 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 8-9. PGA Resistor Settings
The PGA is used in applications where the input signal may not
be large enough to achieve the desired resolution in the ADC, or
dynamic range of another SC/CT block such as a mixer. The gain
is adjustable at runtime, including changing the gain of the PGA
prior to each ADC sample.
8.6.4 TIA
The Transimpedance Amplifier (TIA) converts an internal or
external current to an output voltage. The TIA uses an internal
feedback resistor in a continuous time configuration to convert
input current to output voltage.For an input current Iin, the output
voltage is VREF - Iin x Rfb, where VREF is the value placed on the
non inverting input. The feedback resistor Rfb is programmable
between 20 K
Ω and 1 MΩ through a configuration register.
Table 8-4 shows the possible values of Rfb and associated
configuration settings.
Figure 8-10. Continuous Time TIA Schematic
The TIA configuration is used for applications where an external
sensor's output is current as a function of some type of stimulus
such as temperature, light, magnetic flux etc. In a common
application, the voltage DAC output can be connected to the
VREF TIA input to allow calibration of the external sensor bias
current by adjusting the voltage DAC output voltage.
8.7 LCD Direct Drive
The PSoC Liquid Crystal Display (LCD) driver system is a highly
configurable peripheral designed to allow PSoC to directly drive
a broad range of LCD glass. All voltages are generated on chip,
eliminating the need for external components. With a high
multiplex ratio of up to 1/16, the CY8C58LP family LCD driver
system can drive a maximum of 736 segments. The PSoC LCD
driver module was also designed with the conservative power
budget of portable devices in mind, enabling different LCD drive
modes and power down modes to conserve power.
PSoC Creator provides an LCD segment drive component. The
component wizard provides easy and flexible configuration of
LCD resources. You can specify pins for segments and
commons along with other options. The software configures the
device to meet the required specifications. This is possible
because of the programmability inherent to PSoC devices.
Key features of the PSoC LCD segment system are:
LCD panel direct driving
Type A (standard) and Type B (low power) waveform support
Wide operating voltage range support (2 V to 5 V) for LCD
panels
Static, 1/2, 1/3, 1/4, 1/5 bias voltage levels
Internal bias voltage generation through internal resistor ladder
Up to 62 total common and segment outputs
Up to 1/16 multiplex for a maximum of 16 backplane/common
outputs
Up to 62 front plane/segment outputs for direct drive
Drives up to 736 total segments (16 backplane x 46 front plane)
Up to 64 levels of software controlled contrast
Ability to move display data from memory buffer to LCD driver
through DMA (without CPU intervention)
Adjustable LCD refresh rate from 10 Hz to 150 Hz
Ability to invert LCD display for negative image
Three LCD driver drive modes, allowing power optimization
Figure 8-11. LCD System
Table 8-3. Bandwidth
Gain
Bandwidth
16.0 MHz
24
340 kHz
48
220 kHz
50
215 kHz
Table 8-4. Feedback Resistor Settings
Configuration Word
Nominal Rfb (KΩ)
000b
20
001b
30
010b
40
011b
60
100b
120
101b
250
110b
500
111b
1000
R1
R2
20 k to 980 k
S
20 k or 40 k
1
0
1
0
Vin
Vref
Vref
Vin
Vref
Vout
Iin
R fb
LCD Driver
Block
UDB
DMA
Display
RAM
LCD
DAC
PIN
Global
Clock
PHUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com