Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 71 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 71 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 67Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 68Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 69Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 70Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 71Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 72Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 73Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 74Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 75Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 70 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-1. Active Mode Current vs FCPU, VDD = 3.3 V,
Temperature = 25 °C
Figure 11-2. IDD vs Frequency at 25 °C
Figure 11-3. Active Mode Current vs Temperature and FCPU,
VDD = 3.3 V
Figure 11-4. Active Mode Current vs VDD and Temperature,
FCPU = 24 MHz
IDD[26]
Hibernate Mode
Hibernate mode current
All regulators and oscillators off.
SRAM retention
GPIO interrupts are active
Boost = OFF
SIO pins in single ended input, unregulated output mode
VDD = VDDIO =
4.5–5.5 V
T = –40 °C
–
0.2
2
µA
T = 25 °C
–
0.24
2
T = 85 °C
–
2.6
15
T = 105 °C
–
2.6
15
VDD = VDDIO =
2.7–3.6 V
T = –40 °C
–
0.11
2
T = 25 °C
–
0.3
2
T = 85 °C
–
2
15
T = 105 °C
–
2
15
VDD = VDDIO =
1.71–1.95 V
T = –40 °C
–
0.9
2
T = 25 °C
–
0.11
2
T = 85 °C
–
1.8
15
T = 105 °C
–
1.8
15
IDDAR[27]
Analog current consumption while device is reset
VDDA ≤ 3.6 V
–
0.3
0.6
mA
VDDA > 3.6 V
–
1.4
3.3
mA
IDDDR[27]
Digital current consumption while device is reset
VDDD ≤ 3.6 V
–
1.1
3.1
mA
VDDD > 3.6 V
–
0.7
3.1
mA
IDD_PROG[2
7]
Current consumption while device programming. Sum of
digital, analog, and I/Os: IDDD + IDDA + IDDIOX.
–15
21
mA
Table 11-2. DC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
15
20
25
0
5
10
0
20406080
CPU Frequency, MHz
D,
h^
Notes
26. The current consumption of additional peripherals that are implemented only in programmed logic blocks can be found in their respective datasheets, available in
PSoC Creator, the integrated design environment. To estimate total current, find CPU current at frequency of interest and add peripheral currents for your particular
system from the device datasheet and component datasheets.
27. Based on device characterization (Not production tested).
0.4
0.5
0.6
0.7
0
0.1
0.2
0.3
0
204060
80
Bus Clock, MHz
15
20
25
80 MHz
24 MHz
6MH
0
5
10
-40
-20
0
20406080
100
Temperature, °C
6 MHz
6
8
10
105 °C
25 °C
0
2
4
1.522.533.544.555.5
V
DD, V
-40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com