Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 6Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 7Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 8Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 9Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 10Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 11Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 12Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 13Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 9 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Table 2-2 shows the pinout for the 99-pin CSP package. Since there are four VDDIO pins, the set of I/O pins associated with any VDDIO
may sink up to 100 mA total, same as for the 100-pin and 68-pin devices.
Figure 2-5 on page 10 and Figure 2-6 on page 11 show an example schematic and an example PCB layout, for the 100-pin TQFP
part, for optimal analog performance on a two-layer board.
The two pins labeled VDDD must be connected together.
The two pins labeled VCCD must be connected together, with capacitance added, as shown in Figure 2-5 and Power System on
page 26. The trace between the two VCCD pins should be as short as possible.
The two pins labeled VSSD must be connected together.
For information on circuit board layout issues for mixed signals, refer to the application note, AN57821 - Mixed Signal Circuit Board
Layout Considerations for PSoC® 3 and PSoC 5.
Table 2-2. CSP Pinout
Ball
Name
Ball
Name
Ball
Name
Ball
Name
E5
P2[5]
L2
VIO1
B2
P3[6]
C8
VIO0
G6
P2[6]
K2
P1[6]
B3
P3[7]
D7
P0[4]
G5
P2[7]
C9
P4[2]
C3
P12[0]
E7
P0[5]
H6
P12[4]
E8
P4[3]
C4
P12[1]
B9
P0[6]
K7
P12[5]
K1
P1[7]
E3
P15[2]
D8
P0[7]
L8
P6[4]
H2
P12[6]
E4
P15[3]
D9
P4[4]
J6
P6[5]
F4
P12[7]
A1
NC
F8
P4[5]
H5
P6[6]
J1
P5[4]
A9
NC
F7
P4[6]
J5
P6[7]
H1
P5[5]
L1
NC
E6
P4[7]
L7
VSSB
F3
P5[6]
L9
NC
E9
VCCD
K6
Ind
G1
P5[7]
A3
VCCA
F9
VSSD
L6
VBOOST
G2
P15[6][6]
A4
VSSA
G9
VDDD
K5
VBAT
F2
P15[7][6]
B7
VSSA
H9
P6[0]
L5
VSSD
E2
VDDD
B8
VSSA
G8
P6[1]
L4
XRES
F1
VSSD
C7
VSSA
H8
P6[2]
J4
P5[0]
E1
VCCD
A5
VDDA
J9
P6[3]
K4
P5[1]
D1
P15[0]
A6
VSSD
G7
P15[4]
K3
P5[2]
D2
P15[1]
B5
P12[2]
F6
P15[5]
L3
P5[3]
C1
P3[0]
A7
P12[3]
F5
P2[0]
H4
P1[0]
C2
P3[1]
C5
P4[0]
J7
P2[1]
J3
P1[1]
D3
P3[2]
D5
P4[1]
J8
P2[2]
H3
P1[2]
D4
P3[3]
B6
P0[0]
K9
P2[3]
J2
P1[3]
B4
P3[4]
C6
P0[1]
H7
P2[4]
G4
P1[4]
A2
P3[5]
A8
P0[2]
K8
VIO2
G3
P1[5]
B1
VIO3
D6
P0[3]
Note
6. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com