Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3265PVC-LP Datasheet(PDF) 125 Page - Infineon Technologies AG

Part # CY8C3265PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3265PVC-LP Datasheet(HTML) 125 Page - Infineon Technologies AG

Back Button CY8C3265PVC-LP Datasheet HTML 121Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 122Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 123Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 124Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 125Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 126Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 127Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 128Page - Infineon Technologies AG CY8C3265PVC-LP Datasheet HTML 129Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 124 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
Figure 11-82. IMO Frequency Variation vs. Temperature
Figure 11-83. IMO Frequency Variation vs. VCC
Tstart_imo Startup time[99]
From enable (during normal system operation)
–
–
13
µs
Jp-p
Jitter (peak to peak)[99]
F = 24 MHz
–0.9
–
ns
F = 3 MHz
–1.6
–
ns
Jperiod
Jitter (long term)[100]
F = 24 MHz
–0.9
–
ns
F = 3 MHz
–12
–
ns
Table 11-80. IMO AC Specifications (continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
0
0.25
0.5
62.6 MHz
24 MHz
3 MHz
-0.5
-0.25
0
-40
-20
0
20406080
100
Temperature, °C
Notes
98. FIMO is measured after packaging, and thus accounts for substrate and die attach stresses.
99. Based on device characterization (Not production tested).
100.Based on device characterization (Not production tested). USBIO pins tied to ground (VSSD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com