Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  MAX74822ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
MAX74822
analog.com
Rev. 0
3 of 16
SPECIFICATIONS
Table 1. 5.0V Specifications
(VS = 5.0V, VCM = 2.5V, TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Offset Voltage
VOS
1
5
mV
−40°C ≤ TA ≤ +125°C
7
mV
Input Bias Current
IB
4
40
pA
−40°C ≤ TA ≤ +125°C
1000
pA
Input Offset Current
IOS
1
30
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Voltage Range
0
5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0V to 5V
60
80
dB
−40°C ≤ TA ≤ +125°C
38
dB
Large Signal Voltage Gain
AVO
RL = 100kΩ, VO = 0.5V to
2.2V
97
101
dB
−40°C ≤ TA ≤ +125°C
66
dB
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C
4
µV/°C
Bias Current Drift
ΔIB/ΔT
−40°C ≤ TA ≤ +125°C
2000
fA/°C
Offset Current Drift
ΔIOS/ΔT
−40°C ≤ TA ≤ +125°C
25
fA/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 1mA
4.9
4.965
V
VOH
−40°C ≤ TA ≤ +125°C
4.875
V
Output Voltage Low
VOL
IL = 1mA
25
100
mV
−40°C ≤ TA ≤ +125°C
125
mV
Output Current
IOUT
VOUT = VS − 1V
30
mA
ISC
±60
mA
Closed-Loop Output Impedance
ZOUT
f = 200kHz, AV = 1
45
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.5V to 6V
65
76
dB
−40°C ≤ TA ≤ +125°C
60
dB
Supply Current/Amplifier
ISY
VO = 0V
45
65
µA
−40°C ≤ TA ≤ +125°C
85
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com