Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX74822ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
MAX74822
analog.com
Rev. 0
9 of 16
Figure 14. Closed-Loop Output Voltage Swing vs. Frequency
Figure 15. Small Signal Overshoot vs. Load Capacitance
Figure 16. Small Signal Overshoot vs. Load Capacitance
Figure 17. Small Signal Transient Response
Figure 18. Large Signal Transient Response
Figure 19. Supply Current per Amplifier vs. Supply Voltage
3.0
2.5
0
2.0
1.5
0.5
1.0
4.0
3.5
5.0
4.5
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
VIN = 4.9V p-p
RL = 2kΩ
TA = 25°C
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
+OS
–OS
VS = 5V
RL =
TA = 25°C
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
+OS
–OS
VS = 5V
RL = 10kΩ
TA = 25°C
2.5V
VS = 5V
RL = 100kΩ
CL = 300pF
AV = 1
TA = 25°C
50mV
10µs
2.5V
VS = 5V
RL = 2kΩ
AV = 1
TA = 25°C
1V
10µs
SUPPLY VOLTAGE (V)
60
0
50
40
30
20
10
TA = 25°C
0
1
2
3
4
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com