Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button MAX74822ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
MAX74822
analog.com
Rev. 0
8 of 16
Figure 8. Voltage Noise Density vs. Frequency
Figure 9. Input Offset Voltage vs. Common-Mode Voltage
Figure 10. Power Supply Rejection Ratio vs. Frequency
Figure 11. Output Voltage to Supply Rail vs. Load Current
Figure 12. Closed-Loop Output Voltage Swing vs. Frequency
Figure 13. Small Signal Overshoot vs. Load Capacitance
VSY = 5V
FREQUENCY (kHz)
0
10
20
30
40
50
60
0
20
40
60
80
100
120
VS = 5V
RL = NO LOAD
TA = 25°C
N = 30
+1σ
x
–1σ
COMMON-MODE VOLTAGE (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–6
–4
–2
0
2
4
6
8
160
140
–40
120
100
80
60
40
20
–20
0
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
+PSRR
–PSRR
VS = 5V
TA = 25°C
LOAD CURRENT (mA)
100
0.01
1
0.1
10
1k
0.001
0.01
0.1
1
10
100
VS = 5V
TA = 25°C
SOURCE
SINK
10k
3.0
2.5
0
2.0
1.5
0.5
1.0
4.0
3.5
5.0
4.5
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
VIN = 4.9V p-p
RL = NO LOAD
TA = 25°C
60
0
30
20
10
40
50
CAPACITANCE (pF)
10
100
1k
10k
VS = 5V
RL = 2kΩ
TA = 25°C
+OS
–OS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com