Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX74822ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
MAX74822
analog.com
Rev. 0
7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Input Offset Voltage Distribution
Figure 3. Input Bias Current vs. Temperature
Figure 4. Input Offset Voltage vs. Temperature
Figure 5. Input Offset Current vs. Temperature
Figure 6. Input Bias Current vs. Common-Mode Voltage
Figure 7. Common-Mode Rejection vs. Frequency
INPUT OFFSET VOLTAGE (mV)
–4.5
–3.5
4.5
–2.5
–1.5
–0.5
0.5
180
160
0
80
60
40
20
140
100
120
1.5
2.5
3.5
VS = 5V
VCM = 2.5V
TA = 25°C
TEMPERATURE (°C)
400
0
350
200
150
100
50
300
250
–40
–20
0
20
40
60
80
100
120
140
VS = 5V
VCM = VS/2
1.0
–2.5
–4.0
–55
–35
–15
0.5
–2.0
–3.0
–3.5
–1.0
–1.5
0
–0.5
145
5
25
45
65
85
105
125
TEMPERATURE (°C)
VS = 5V
VCM = VS/2
TEMPERATURE (°C)
7
–1
6
3
2
1
0
5
4
VS = 5V
VCM = VS/2
–55
–35
–15
5
25
45
65
85
105
125
145
COMMON-MODE VOLTAGE (V)
9
8
0
4
3
2
1
7
5
6
–0.5
0.5
1.5
2.5
3.5
4.5
5.5
VS = 5V
VCM = VS/2
60
50
40
30
20
10
0
–10
70
80
90
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com