Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  MAX74822ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Data Sheet
MAX74822
analog.com
Rev. 0
4 of 16
(VS = 5.0V, VCM = 2.5V, TA = 25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 100kΩ
0.45
0.92
V/µs
Full Power Bandwidth
BWP
1% distortion
70
kHz
Settling Time
tS
To 0.1% (1V step)
6
µs
Gain Bandwidth Product
GBP
1000
kHz
Phase Margin
ΦM
67
Degrees
NOISE PERFORMANCE
Voltage Noise Density
en
f = 1kHz
42
nV/√Hz
f = 10kHz
38
nV/√Hz
Current Noise Density
in
<0.1
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com