Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 10Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 11Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 12Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 13Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 14Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
MAX74822
analog.com
Rev. 0
11 of 16
THEORY OF OPERATION
Lower Supply Current for 1MHz Gain Bandwidth
The MAX74822 typically uses 45µA of current per amplifier, which is much less than the 200µA to 700µA used in
earlier generation parts with similar performance. This makes the MAX74822 a good choice for upgrading portable
designs for longer battery life. Alternatively, additional functions and performance can be added at the same
current drain.
Higher Output Current
At 5V single supply, the short-circuit current is typically 60mA. Even 1V from the supply rail, the MAX74822 amplifier
can provide a 30mA output current, sourcing, or sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com