Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX74822ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # MAX74822ARMZ-R7
Description  5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX74822ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  MAX74822ARMZ-R7 Datasheet HTML 1Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 2Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 3Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 4Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 5Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 6Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 7Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 8Page - Analog Devices MAX74822ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Data Sheet
MAX74822
5V, CMOS, Rail-to-Rail, General-Purpose Amplifiers
Rev. 0; 10/25
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
One Analog Wa y, Wilmington, MA 01887 -2356, U.S.A.
Tel: 781.329.47 00
©2025 Analog Devices, Inc. Al l rights rese rve d.
FEATURES
Single-supply operation: 2.7V to 5.5V
Low supply current: 45µA/amplifier
Wide bandwidth: 1MHz
No phase reversal
Low input bias current: 4pA
Unity gain stable
Rail-to-rail input and output
APPLICATIONS
ASIC input or output amplifiers
Sensor interfaces
Piezoelectric transducer amplifiers
Medical instrumentation
Mobile communications
Audio outputs
Portable systems
GENERAL DESCRIPTION
The MAX74822 is a dual rail-to-rail input and output,
single-supply amplifier featuring very low supply
current and 1MHz bandwidth. All are guaranteed to
operate from a 2.7V single supply as well as a 5V supply.
The MAX74822 provides 1MHz bandwidth at a low
current consumption of 45µA per amplifier.
Very low input bias currents enable the MAX74822 to be
used for integrators, photodiode amplifiers,
piezoelectric sensors, and other applications with high
source impedance. The supply current is only 45μA per
amplifier, ideal for battery operation.
Rail-to-rail inputs and outputs are useful to designers
buffering ASICs in single-supply systems. The MAX74822
is optimized to maintain high gains at lower supply
voltages, which makes it useful for active filters and gain
stages.
The MAX74822 is specified over the extended industrial
temperature range (–40°C to +125°C). The MAX74822
dual is available in an 8-lead MSOP package.


Similar Part No. - MAX74822ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7482 MAXIM-MAX7482 Datasheet
860Kb / 13P
Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices
Rev 0; 11/06
logo
Analog Devices
MAX74821 AD-MAX74821 Datasheet
1Mb / 15P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
Rev. 0
MAX74821ARMZ AD-MAX74821ARMZ Datasheet
1Mb / 15P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
Rev. 0
MAX74821ARMZ-R7 AD-MAX74821ARMZ-R7 Datasheet
1Mb / 15P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
Rev. 0
MAX74821ARMZ-RL AD-MAX74821ARMZ-RL Datasheet
1Mb / 15P
Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifier
Rev. 0
More results

Similar Description - MAX74822ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8541 AD-AD8541 Datasheet
232Kb / 16P
General Purpose CMOS Rail-to-Rail Amplifiers
8/04-Data Sheet changed from REV. C to REV. D.
AD8541 AD-AD8541_07 Datasheet
430Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
1/07-Rev. D to Rev. E
AD8541 AD-AD8541_08 Datasheet
443Kb / 20P
General-Purpose CMOS Rail-to-Rail Amplifiers
Rev. F
AD8541 AD-AD8541_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8542 AD-AD8542_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
AD8544 AD-AD8544_15 Datasheet
315Kb / 20P
CMOS Rail-to-Rail General-Purpose Amplifiers
Rev. G
logo
Exar Corporation
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
logo
TECH PUBLIC Electronics...
LMV321IDBVR TECHPUBLIC-LMV321IDBVR Datasheet
3Mb / 6P
CMOS, Rail to Rail General-Purpose Amplifiers
2018.1.15
LMV358IDR TECHPUBLIC-LMV358IDR Datasheet
1Mb / 6P
CMOS,RAilto Rail General-Purpose Amplifiers
2018.1.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com