Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 32Page - Texas Instruments TUSB1146 Datasheet HTML 33Page - Texas Instruments TUSB1146 Datasheet HTML 34Page - Texas Instruments TUSB1146 Datasheet HTML 35Page - Texas Instruments TUSB1146 Datasheet HTML 36Page - Texas Instruments TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
A6
A5
A4
A3
A2
A1
A0
0
S
C7
C6
C5
C4
C3
C2
C1
C0
A
Slave Address
A
Register Offset Xh
Write
Ack
Start
Sr
Repeated Start
A6
A5
A4
A3
A2
A1
A0
1
S
D7
D6
D5
D4
D3
D2
D1
D0
A
Slave Address
A
P
Data from Register Xh
Read
Stop
D7
D6
D5
D4
D3
D2
D1
D0
A
Data from Register Xh + 1
A6
A5
A4
A3
A2
A1
A0
1
S
D7
D6
D5
D4
D3
D2
D1
D0
A
Slave Address
A
P
Data from offset 0x00
or
last read address + 1
Read
Ack
Start
Stop
36
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
4. The TUSB1146 acknowledges the sub-address cycle.
5. The master presents the first byte of data to be written to the I2C register.
6. The TUSB1146 acknowledges the byte transfer
7. The master may continue presenting additional bytes of data to be written, with each byte transfer completing
with an acknowledge from the TUSB1146.
8. The master terminates the write operation by generating a stop condition (P).
Figure 30. I2C Read without repeated Start
The following procedure should be followed to read the TUSB1146 I2C registers without a repeated Start (refer
Figure 30).
1. The master initiates a read operation by generating a start condition (S), followed by the TUSB1146 7-bit
address and a zero-value “W/R” bit to indicate a read cycle.
2. The TUSB1146 acknowledges the 7-bit address cycle.
3. Following the acknowledge the master continues sending clock.
4. The TUSB1146 transmit the contents of the memory registers MSB-first starting at register 00h or last read
register offset+1. If a write to the I2C register occurred prior to the read, then the TUSB1146 shall start at the
register offset specified in the write.
5. The TUSB1146 waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the master after
each byte transfer; the I2C master acknowledges reception of each data byte transfer.
6. If an ACK is received, the TUSB1146 transmits the next byte of data as long as master provides the clock. If
a NAK is received, the TUSB1146 stops providing data and waits for a stop condition (P).
7. The master terminates the write operation by generating a stop condition (P).
Figure 31. I2C Read with repeated Start
The following procedure should be followed to read the TUSB1146 I2C registers with a repeated Start (refer
Figure 31).
1. The master initiates a read operation by generating a start condition (S), followed by the TUSB1146 7-bit
address and a zero-value “W/R” bit to indicate a write cycle.
2. The TUSB1146 acknowledges the 7-bit address cycle.
3. The master presents the register offset within TUSB1146 to be written, consisting of one byte of data, MSB-
first.
4. The TUSB1146 acknowledges the register offset cycle.
5. The master presents a repeated start condition (Sr).
6. The master initiates a read operation by generating a start condition (S), followed by the TUSB1146 7-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com