Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 5Page - Texas Instruments TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments TUSB1146 Datasheet HTML 10Page - Texas Instruments TUSB1146 Datasheet HTML 11Page - Texas Instruments TUSB1146 Datasheet HTML 12Page - Texas Instruments TUSB1146 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
USB and DP Electrical Characteristics (continued)
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSSRX-LIMITED-VODL0
SSRX differential peak-to-peak voltage
when configured for limited redriver
and LINR_L0
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
800
mVpp
VSSRX-LIMITED-VODL1
SSRX differential peak-to-peak voltage
when configured for limited redriver
and LINR_L1
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
900
mVpp
VSSRX-LIMITED-VODL2
SSRX differential peak-to-peak voltage
when configured for limited redriver
and LINR_L2
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
1000
mVpp
VSSRX-LIMITED-VODL3
SSRX differential peak-to-peak voltage
when configured for limited redriver
and LINR_L3
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 0;
1100
mVpp
VSSRX-DE-RATIO0
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 1;
TX_DEEPHASIS = 2'b00;
USB_SSRX_VOD = 2'b00 (LINR_L3);
Refer to Figure 25
-1.5
dB
VSSRX-DE-RATIO1
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 1;
TX_DEEPHASIS = 2'b01;
USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 25
-2.1
dB
VSSRX-DE-RATIO2
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 1;
TX_DEEPHASIS = 2'b10;
USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 25
-3.2
dB
VSSRX-DE-RATIO3
SSRX de-emphasis when configured
for limited redriver and de-emphasis
enabled.
TX_PRESHOOT_EN = 0;
TX_DEEMPHASIS_EN = 1;
TX_DEEPHASIS = 2'b11;
USB_SSRX_VOD = 2'b00
(LINR_L3); Refer to Figure 25
-3.8
dB
VSSRX-PRESH-RATIO0
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN = 0;
TX_PRESHOOT = 2'b00;
USB_SSRX_VOD = 2'b00 (LINR_L3);
Refer to Figure 26
1.5
dB
VSSRX-PRESH-RATIO1
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN = 0;
TX_PRESHOOT = 2'b01;
USB_SSRX_VOD = 2'b00 (LINR_L3);
Refer to Figure 26
2.0
dB
VSSRX-PRESH-RATIO2
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN = 0;
TX_PRESHOOT = 2'b10;
USB_SSRX_VOD = 2'b00 (LINR_L3);
Refer to Figure 26
2.3
dB
VSSRX-PRESH-RATIO3
SSRX pre-shoot level when configured
for limited redriver and pre-shoot
enabled.
TX_PRESHOOT_EN = 1;
TX_DEEMPHASIS_EN = 0;
TX_PRESHOOT = 2'b11;
USB_SSRX_VOD = 2'b00 (LINR_L3);
Refer to Figure 26
2.8
dB
ITX(SHORT)
TX short circuit current
TX± shorted to GND
40
mA
CTX(PARASITIC)
TX input capacitance for return loss
At package pins, at 5 GHz
0.9
1.25
pF
RLTX(DIFF)
Differential return loss
50 MHz – 1.25 GHz at 90 Ω
-30
dB
5 GHz at 90 Ω
-21
dB
RLTX(CM)
Common-mode return loss
50 MHz – 5 GHz at 90 Ω
-10
dB
CTX-AC(COUPLING)
External required AC coupling
capacitor
75
265
nF
AC Characteristics
Crosstalk
Differential crosstalk between TX and
RX signal pairs
at 5 GHz; EQ = 0;
–30
dB
CPLF-LINRL0
Low-frequency 1-dB compression
point at LINR_L0 setting.
At 100 MHz, 200 mVpp < VID < 1200
mVpp
600
mVpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com