Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1146 Datasheet HTML 1Page - Texas Instruments TUSB1146 Datasheet HTML 2Page - Texas Instruments TUSB1146 Datasheet HTML 3Page - Texas Instruments TUSB1146 Datasheet HTML 4Page - Texas Instruments TUSB1146 Datasheet HTML 5Page - Texas Instruments TUSB1146 Datasheet HTML 6Page - Texas Instruments TUSB1146 Datasheet HTML 7Page - Texas Instruments TUSB1146 Datasheet HTML 8Page - Texas Instruments TUSB1146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
TUSB1146
SLLSFB2 – APRIL 2020
www.ti.com
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
TUSB1146 Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
(1)
Not a fail-safe I/O. Actively driving pin high while VCC is removed results in leakage voltage on VCC pins.
RX2p
40
Diff I/O
Differential positive output for DisplayPort or differential positive input for USB3.1 Downstream Facing
port.
RX2n
39
Diff I/O
Differential negative output for DisplayPort or differential negative input for USB3.1 Downstream
Facing port.
SSTXp
8
Diff I
Differential positive input for USB3.1 upstream facing port.
SSTXn
7
Diff I
Differential negative input for USB3.1 upstream facing port.
SSRXp
5
Diff O
Differential positive output for USB3.1 upstream facing port.
SSRXn
4
Diff O
Differential negative output for USB3.1 upstream facing port.
EQ1
35
4 Level I
This pin along with EQ0 sets the USB receiver equalizer gain for downstream facing RX1 and RX2
when USB used. Refer to Table 7 for details on the equalization setting.
EQ0
38
4 Level I
This pin along with EQ1 sets the USB receiver equalizer gain for downstream facing RX1 and RX2
when USB used. Refer to Table 7 for details on the equalization setting.
CAD_SNK/DCI_DAT(1)
29
I/O
(PD)
When I2C_EN ! = 0, this pin functions as DCI data output Leave open if not used. When I2C_EN =
0 , this pin is CAD_SNK (L = AUX snoop enabled and H = AUX snoop disabled with all lanes active).
HPDIN/DCI_CLK(1)
32
I/O
(PD)
When I2C_EN ! = 0, this pin functions as DCI clock output Leave open if not used. When I2C_EN =
0, this pin is an input for Hot Plug Detect received from DisplayPort sink. When HPDIN is Low for
greater than 2ms, all DisplayPort lanes are disabled while the AUX to SBU switch will remain closed.
I2C_EN
17
4 Level I
I2C Programming Mode or GPIO Programming Select.
0 = GPIO mode (I2C disabled) with adaptive EQ disabled.
R = TI Test Mode (I2C enabled at 3.3 V)
F = I2C enabled at 1.8 V when EQ0 = "0" and EQ1 = "0". All other combinations of EQ0 and EQ1 are
reserved.
1 = I2C enabled at 3.3 V.
SBU1
27
I/O, CMOS
SBU1. This pin should be DC coupled to the SBU1 pin on the Type-C receptacle. A 2-M ohm resistor
to GND is also recommended.
SBU2
26
I/O, CMOS
SBU2. This pin should be DC coupled to the SBU2 pin on the Type-C receptacle. A 2-M ohm resistor
to GND is also recommended.
AUXp
24
I/O, CMOS
AUXp. DisplayPort AUX positive I/O connected to the DisplayPort source through a AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100K resistor to GND. This pin
along with AUXN is used by the TUSB1146 for AUX snooping and is routed to SBU1/2 based on the
orientation of the Type-C.
AUXn
25
I/O, CMOS
AUXn. DisplayPort AUX negative I/O connected to the DisplayPort source through a AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100K resistor to VCC (3.3V).
This pin along with AUXP is used by the TUSB1146 for AUX snooping and is routed to SBU1/2
based on the orientation of the Type-C.
DPEQ1
2
4 Level I
DisplayPort Receiver EQ. Along with DPEQ0, this pin selects the DisplayPort receiver equalization
gain. Refer to Table 9 for details on the equalization settings.
DPEQ0/A1
14
4 Level I
DisplayPort Receiver EQ. Along with DPEQ1, this pin selects the DisplayPort receiver equalization
gain. When I2C_EN is not ‘0’, this pin will also set the TUSB1146 I2C address. Refer to Table 9 for
details on the equalization settings.
SSEQ1
3
4 Level I
Along with SSEQ0, sets the USB receiver equalizer gain for upstream facing SSTXP/N. Refer to
Table 8 for details on the equalization settings.
SSEQ0/A0
11
4 Level I
Along with SSEQ1, sets the USB receiver equalizer gain for upstream facing SSTXP/N. When
I2C_EN is not ‘0’, this pin will also set the TUSB1146 I2C address. Refer to Table 8 for details on the
equalization settings.
FLIP/SCL
21
2 Level I
When I2C_EN=’0’ this is Flip control pin, otherwise this pin is I2C clock. . When used for I2C clock
pull-up to I2C master's VCC I2C supply.
CTL0/SDA
22
2 Level I
When I2C_EN=’0’ this is a USB3.1 Switch control pin, otherwise this pin is I2C data. When used for
I2C data pullup to I2C master's VCC I2C supply.
CTL1/HPDIN
23
2 Level I
(Failsafe)
(PD)
DP Alt mode Switch Control Pin. When I2C_EN = ‘0’, this pin will enable or disable DisplayPort
functionality. Otherwise, when I2C_EN is not "0", DisplayPort functionality is enabled and disabled
through I2C registers.
L = DisplayPort Disabled.
H = DisplayPort Enabled.
When I2C_EN is not "0" this pin is an input for Hot Plug Detect received from DisplayPort sink. When
this HPDIN is Low for greater than 2 ms, all DisplayPort lanes are disabled and AUX to SBU switch
will remain closed.
VCC
1, 6, 20, 28
P
3.3-V Power Supply
Thermal Pad
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com