Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1146 Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB1146
Description  TUSB1146 USB Type-C™ DisplayPort™ Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB1146 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1146 Datasheet HTML 35Page - Texas Instruments TUSB1146 Datasheet HTML 36Page - Texas Instruments TUSB1146 Datasheet HTML 37Page - Texas Instruments TUSB1146 Datasheet HTML 38Page - Texas Instruments TUSB1146 Datasheet HTML 39Page - Texas Instruments TUSB1146 Datasheet HTML 40Page - Texas Instruments TUSB1146 Datasheet HTML 41Page - Texas Instruments TUSB1146 Datasheet HTML 42Page - Texas Instruments TUSB1146 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
39
TUSB1146
www.ti.com
SLLSFB2 – APRIL 2020
Product Folder Links: TUSB1146
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Table 13. General_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SSRX_LIMIT_ENABLE
R/W
0x0
Limited redriver mode enable for SSRX transmitter.
0x0 = Linear Redriver
0x1 = Limited Redriver
6
RESERVED
R
0x0
Reserved
5
SWAP_HPDIN
R/W
0x0
Controls which pin HPDIN is derived from. Please note a sideaffect
of setting this bit is DCI function will be disabled. Therefore if DCI
support is required, then this field must remain cleared.
0x0 = HPDIN is in default location
0x1 = HPDIN location is swapped (PIN 23 to PIN 32, or PIN 32
to PIN 23).
4
EQ_OVERRIDE
R/W
0x0
Setting this field will allow software to use EQ settings from registers
instead of value sampled from pins.
0x0 = EQ settings based on sampled state of EQ pins.
0x1 = EQ settings based on programmed value of each of the
EQ registers.
3
HPDIN_OVERRIDE
R/W
0x0
Overrides HPDIN pin state.
0x0 = HPD_IN based on HPD_IN pin.
0x1 = HPD_IN high.
2
FLIP_SEL
R/W
0x0
This field controls the orientation.
0x0 = Normal Orientation
0x1 = Flip orientation.
1-0
CTLSEL
R/W
0x1
Controls the DP and USB modes.
0x0 = Disabled. All RX and TX for USB3 and DisplayPort are
disabled.
0x1 = USB3.1 only enabled.
0x2 = Four Lanes of DisplayPort enabled.
0x3 = USB3.1 and Two DisplayPort Lanes.
8.6.1.2 DCI_TXEQ_CTRL Register (Offset = 0xB) [reset = 0x6C]
DCI_TXEQ_CTRL is shown in Table 14.
Return to the Summary Table.
This register controls the pre-shoot and de-emphasis levels for SSRX when limited redriver mode is enabled.
Table 14. DCI_TXEQ_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
TX_PRESHOOT
R/W
0x1
SSRX TX preshoot level (pre-cursor).
0x0 = 1.5dB
0x1 = 2dB
0x2 = 2.3dB
0x3 = 2.8dB
5
TX_PRESHOOT_EN
R/W
0x1
SSRX
TX
preshoot
(pre-cursor)
enabled.
Valid
only
when
SSRX_LIMIT_ENABLE = 1.
0x0 = Disabled (0dB)
0x1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com